Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDBT-40 Datasheet(PDF) 2 Page - Comchip Technology

No. de pieza CDBT-40
Descripción Electrónicos  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-40 Datasheet(HTML) 2 Page - Comchip Technology

  CDBT-40 Datasheet HTML 1Page - Comchip Technology CDBT-40 Datasheet HTML 2Page - Comchip Technology CDBT-40 Datasheet HTML 3Page - Comchip Technology CDBT-40 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BA001
RATING AND CHARACTERISTIC CURVES (CDBT-40/S/C/A-G)
Forward Voltage, VF (V)
1.0
0.6
0.4
0.8
0
Fig.1 - Forward Characteristics
0.1
1
10
100
1000
Reverse Voltage, VR (V)
0
Fig.2 - Reverse Characteristics
0.1
1
10
100
10000
20
Reverse Voltage, VR (V)
0
Fig.3 - Capacitance Between Terminals
Characteristics
0
1
2
4
5
30
50
Ambient Temperature, TA (°C)
Fig.4 - Power Derating Curve
0
160
Comchip Technology CO., LTD.
Page 2
REV:C
30
50
3
0
100
150
0.2
10
40
80
O
TA=125 C
20
25
50
75
125
Small Signal Schottky Diodes
O
TA=-40 C
O
TA=0 C
O
TA=25 C
O
TA=75 C
1000
O
TA=125 C
O
TA=-40 C
O
TA=0 C
O
TA=25 C
O
TA=75 C
10
40
TJ=25°C
f=1MHz
Mounted on glass epoxy PCBs
40
120
200
240
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com