Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDBT-54 Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBT-54
Descripción Electrónicos  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-54 Datasheet(HTML) 1 Page - Comchip Technology

  CDBT-54 Datasheet HTML 1Page - Comchip Technology CDBT-54 Datasheet HTML 2Page - Comchip Technology CDBT-54 Datasheet HTML 3Page - Comchip Technology CDBT-54 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Schottky Diodes
Reverse Voltage: 30 Volts
Forward Current: 200 mA
RoHS Device
Page 1
REV:C
Circuit diagram
CDBT-54/S/C/A-G
Maximum Ratings and Electrical Characteristics
(at Ta=25°C unless otherwise noted)
QW-BA002
Comchip Technology CO., LTD.
Repetitive peak reverse voltage
Reverse voltage
Forward current
Peak surge forward current
Power dissipation
Maximum forward voltage
Maximum reverse current
Maximum reverse recovery time
Maximum diode capacitance
Maximum junction temperature
Storage temperature
Units
Symbol
Parameter
VRRM
VR
IF
IFSM
PD
VF
IR
Trr
CJ
TJ
TSTG
CDBT-54-G
1
2
3
CDBT-54S-G
1
2
3
CDBT-54C-G
1
2
3
CDBT-54A-G
1
2
3
Conditions
Value
T<1.0 sec
@IF=0.1mA
@IF=1mA
@IF=10mA
@IF=30mA
@IF=100mA
@VR=25V
IF=IR=10mA, RL=100Ω
VR=1V, f=1.0MHz
30
30
200
600
225
0.24
0.32
0.40
0.50
1.00
2
5
10
125
-55 to +125
V
V
mA
mA
mW
V
μA
nS
pF
°C
°C
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.122(3.10)
0.106(2.70)
0.055(1.40)
0.047(1.19)
0.083(2.10)
0.067(1.70)
0.045(1.15)
0.035(0.90)
0.020(0.51)
0.014(0.35)
0.010(0.25)
0.003(0.08)
0.118(3.00)
0.083(2.10)
0.005(0.13)max
0.012(0.30)
0.020(0.50)
Features
-Design for mounting on small surface.
-High speed switching application, circuit
protection.
-Low forward voltage drop.
Mechanical data
-Case: SOT-23, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Approx. weight: 0.008 grams
-Packing:3,000 pieces per 7” reel.


Número de pieza similar - CDBT-54

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBT-54-G COMCHIP-CDBT-54-G Datasheet
54Kb / 2P
Small Signal Switching Diodes
CDBT-54-HF COMCHIP-CDBT-54-HF Datasheet
85Kb / 3P
Small Signal Schottky Diodes
CDBT-54-HF COMCHIP-CDBT-54-HF Datasheet
85Kb / 3P
Small Signal Schottky Diodes
CDBT-54A-G COMCHIP-CDBT-54A-G Datasheet
54Kb / 2P
Small Signal Switching Diodes
CDBT-54C-G COMCHIP-CDBT-54C-G Datasheet
54Kb / 2P
Small Signal Switching Diodes
More results

Descripción similar - CDBT-54

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com