Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CDBT-54 Datasheet(PDF) 2 Page - Comchip Technology

No. de pieza CDBT-54
Descripción Electrónicos  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-54 Datasheet(HTML) 2 Page - Comchip Technology

  CDBT-54 Datasheet HTML 1Page - Comchip Technology CDBT-54 Datasheet HTML 2Page - Comchip Technology CDBT-54 Datasheet HTML 3Page - Comchip Technology CDBT-54 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BA002
RATING AND CHARACTERISTIC CURVES (CDBT-54/S/C/A-G)
Forward voltage, (V)
1.0
0.6
0.4
0.8
0
Fig.1- Forward characteristics
0.1
1
10
100
1000
Reverse voltage, (V)
0
Fig.2- Reverse characteristics
0.001
0.01
0.1
1
100
20
Reverse voltage, (V)
0
Fig.3- Capacitance between terminals
characteristics
0
2
4
8
10
15
30
Ambient temperature, ( °C )
Fig.4- Power derating curve
0
200
400
Comchip Technology CO., LTD.
Page 2
REV:C
30
50
6
0
100
175
0.2
10
40
100
10
25
50
75
150
125
300
Small Signal Schottky Diodes
10
O
TA=125 C
O
TA=0 C
O
TA=25 C
O
TA=75 C
5
25
20
O
TJ=25 C
f=1MHz
Mounted on glass
epoxy PCBs
O
TA=125 C
O
TA=-25 C
O
TA=0 C
O
TA=25 C
O
TA=75 C
12
14
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com