| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
16F818 Datasheet(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F818 Datasheet(HTML) 48 Page - Microchip Technology |
|
48 / 176 page ![]() PIC16F818/819 DS39598E-page 46 2004 Microchip Technology Inc. FIGURE 5-9: BLOCK DIAGRAM OF RB1 PIN Data Latch RBPU(2) P VDD Q D CK Q D CK Q D EN Data Bus WR WR RD TRISB RD PORTB Weak Pull-up RD PORTB SDA(3) I/O pin(1) TTL Input Buffer Schmitt Trigger Buffer TRIS Latch Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 3: The SDA Schmitt Trigger conforms to the I2C specification. 1 0 SDA Output P N VSS VDD Q SDA Drive Port/SSPEN Select I2C™ Mode SDI PORTB TRISB |