| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
16F818 Datasheet(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F818 Datasheet(HTML) 51 Page - Microchip Technology |
|
51 / 176 page ![]() 2004 Microchip Technology Inc. DS39598E-page 49 PIC16F818/819 FIGURE 5-12: BLOCK DIAGRAM OF RB4 PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR WR Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch TTL Input Buffer Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 3: The SCL Schmitt Trigger conforms to the I2C™ specification. SCK SCK/SCL 1 0 Port/SSPEN SCL(3) P N VSS VDD SCL Drive TRISB |