Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPQ2122GJ Datasheet(PDF) 2 Page - Monolithic Power Systems

No. de pieza MPQ2122GJ
Descripción Electrónicos  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2122GJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ2122GJ Datasheet HTML 1Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 2Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 3Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 4Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 5Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 6Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 7Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 8Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MPQ2122 –6V, 2A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MPQ2122 Rev. 1.0
www.MonolithicPower.com
2
3/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ2122GJ
TSOT23-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MPQ2122GJ–Z).
TOP MARKING
AED: product code of MPQ2122GJ;
Y: year code;
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
FB2
SW2
EN1
EN2
FB1
SW1
GND
IN
TSOT23-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com