Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPQ2122GJ Datasheet(PDF) 1 Page - Monolithic Power Systems

No. de pieza MPQ2122GJ
Descripción Electrónicos  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2122GJ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2122GJ Datasheet HTML 1Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 2Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 3Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 4Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 5Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 6Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 7Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 8Page - Monolithic Power Systems MPQ2122GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MPQ2122
6V, 2A, Low Quiescent Current
Dual, SYNC Buck Regulator
MPQ2122 Rev. 1.0
www.MonolithicPower.com
1
3/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ2122 is an internally-compensated,
1MHz fixed-frequency, dual PWM, synchronous,
step-down regulator. The MPQ2122 operates
from a 2.7V-to-6V input, generates an output
voltage as low as 0.608V, and has a 45µA
quiescent current that makes it ideal for
powering portable equipment that runs on a
single cell lithium-ion (Li+) battery.
The MPQ2122 integrates dual 80mΩ high-side
switches and 35mΩ synchronous rectifiers for
high efficiency without an external Schottky
diode. Peak-current mode control and internal
compensation limits the minimum number of
readily-available external components.
Fault-condition protections include cycle-by-cycle
current limiting and thermal shutdown.
The MPQ2122 is available in an 8-pin TSOT23-8
package.
FEATURES
• Dual 2A-Output Current
• >93% Peak Efficiency
• >80% Light-Load Efficiency
• Wide 2.7V-to-6V Operating Input Range
• 80mΩ and 35mΩ Internal Power MOSFET
• 1MHz Fixed Switching Frequency
• Adjustable Output from 0.608V to VIN
• 180° Phase-Shifted Operation
• 100% Duty-Cycle Operation
• 45µA Quiescent Current
• Cycle-by-Cycle Over-Current Protection
• Short-Circuit Protection with Hiccup Mode
• Thermal Shutdown
• Available in an 8-pin TSOT23-8 Package
APPLICATIONS
• Small/Handhold Devices
• DVD Drivers
• Portable Instruments
• Smartphones and Feature Phones
• Battery-Powered Devices
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are
Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
30
40
50
60
70
80
90
100
0.01
0.1
1
10


Número de pieza similar - MPQ2122GJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MPQ2128 MPS-MPQ2128 Datasheet
432Kb / 7P
2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
MPQ2128DG MPS-MPQ2128DG Datasheet
432Kb / 7P
2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
MPQ2128DG-AEC1 MPS-MPQ2128DG-AEC1 Datasheet
432Kb / 7P
2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
More results

Descripción similar - MPQ2122GJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
March 11, 2008
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Monolithic Power System...
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com