Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPM3630 Datasheet(PDF) 5 Page - Monolithic Power Systems

No. de pieza MPM3630
Descripción Electrónicos  18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3630 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPM3630 Datasheet HTML 1Page - Monolithic Power Systems MPM3630 Datasheet HTML 2Page - Monolithic Power Systems MPM3630 Datasheet HTML 3Page - Monolithic Power Systems MPM3630 Datasheet HTML 4Page - Monolithic Power Systems MPM3630 Datasheet HTML 5Page - Monolithic Power Systems MPM3630 Datasheet HTML 6Page - Monolithic Power Systems MPM3630 Datasheet HTML 7Page - Monolithic Power Systems MPM3630 Datasheet HTML 8Page - Monolithic Power Systems MPM3630 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MPM3630
– SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3630 Rev. 1.0
www.MonolithicPower.com
5
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com