Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPM6010 Datasheet(PDF) 5 Page - Monolithic Power Systems

No. de pieza MPM6010
Descripción Electrónicos  36V, 1.5A, High-Efficiency Module, Synchronous, Step-Down LED Driver with Integrated Inductor AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM6010 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPM6010 Datasheet HTML 1Page - Monolithic Power Systems MPM6010 Datasheet HTML 2Page - Monolithic Power Systems MPM6010 Datasheet HTML 3Page - Monolithic Power Systems MPM6010 Datasheet HTML 4Page - Monolithic Power Systems MPM6010 Datasheet HTML 5Page - Monolithic Power Systems MPM6010 Datasheet HTML 6Page - Monolithic Power Systems MPM6010 Datasheet HTML 7Page - Monolithic Power Systems MPM6010 Datasheet HTML 8Page - Monolithic Power Systems MPM6010 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPM6010 – 36V, 1.5A, SYNCHRONOUS, STEP-DOWN, LED MODULE
MPM6010 Rev. 1.0
www.MonolithicPower.com
5
7/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
/FAULT
Fault indicator. /FAULT is an open drain output. /FAULT is pulled low when the LED is
short, open, or when thermal shutdown is occurring.
2
EN/DIM
Enable/dimming control. Pull EN/DIM high to enable the MPM6010. Apply a 100Hz to
2kHz external clock to EN/DIM for PWM dimming.
3
FB
LED current feedback input.
4
VCC
Internal 4.9V LDO output. Internal circuits integrate an LDO output capacitor, so there
is no need to add an external capacitor to VCC.
5
AGND
Analog ground. AGND is the reference ground of the logic circuit. AGND is connected
to PGND internally. There is no need to add external connections to PGND.
6, 7, 8, 12
SW
Switch output. Connection is not needed for these SW pins, but a large copper plane
is recommended (especially on pin 6, 7, and 8) for better heat sinking.
9, 10, 11
OUT
Power output. Connect LED+ to OUT. An output capacitor is needed on OUT.
13
BST
Bootstrap. A bootstrap capacitor is integrated internally. External connections are not
required on BST.
14, 15
PGND
Power ground. PGND is the reference ground of the power device. PGND requires
extra care during PCB layout. For best results, connect PGND with copper pours and
vias.
16
IN
Supply voltage. IN supplies power for the internal MOSFET and regulator. The
MPM6010 operates from a +4V to +36V input rail. A low ESR and low-inductance
capacitor is required to decouple the input rail. Place the input capacitor very close to
IN and connect it with wide PCB traces and multiple vias.
17
NC
No connection. NC must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com