Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPM6010 Datasheet(PDF) 6 Page - Monolithic Power Systems

No. de pieza MPM6010
Descripción Electrónicos  36V, 1.5A, High-Efficiency Module, Synchronous, Step-Down LED Driver with Integrated Inductor AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM6010 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPM6010 Datasheet HTML 2Page - Monolithic Power Systems MPM6010 Datasheet HTML 3Page - Monolithic Power Systems MPM6010 Datasheet HTML 4Page - Monolithic Power Systems MPM6010 Datasheet HTML 5Page - Monolithic Power Systems MPM6010 Datasheet HTML 6Page - Monolithic Power Systems MPM6010 Datasheet HTML 7Page - Monolithic Power Systems MPM6010 Datasheet HTML 8Page - Monolithic Power Systems MPM6010 Datasheet HTML 9Page - Monolithic Power Systems MPM6010 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MPM6010 – 36V, 1.5A, SYNCHRONOUS, STEP-DOWN, LED MODULE
MPM6010 Rev. 1.0
www.MonolithicPower.com
6
7/7/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
0.54
0.58
0.56
0.60
0.62
0.64
0.66
-50 -30 -10 10 30 50 70 90 110130
-50 -30 -10 10 30 50 70 90 110130
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-50 -30 -10 10 30 50 70 90 110130
-50 -30 -10 10 30 50 70 90 110130
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
0.1988
0.1990
0.1992
0.1994
0.1996
0.1998
0.2000
0.2002
0.2004
0.2006
0.2008
0.2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com