| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L8202 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L8202 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 15 page ![]() L8202 12/15 10 APPLICATION CIRCUIT Figure 6. Figure 7. PWM1 Stepper motor Drive DC MTR #2 H Drive DC MTR #1 H Phase A H Drive Phase B H Drive VPH regulator 3A DC Load Vcc regulator 3.3V or 5V SERIAL INTERFACE Reset OP. Amps LED Drivers U1 L8202 61 60 62 59 57 58 1 3 2 6 7 8 9 10 11 12 14 16 15 17 18 19 21 22 23 24 25 26 32 33 34 35 42 43 41 46 47 48 49 50 63 64 51 52 53 54 55 56 20 36 37 38 39 40 OA1+ OA1- OA1Out OA2Out OA2- OA2+ PH_A+ PH_A- R_Sense_A VPH_gate VPH_source1 VPH_source2 VPH_drain1 VPH_drain2 V_bulk(VPH) VPH_FB PH_B- PH_B+ R_sense_B V_bulk(DC4) Vbulk(Vcc) Vcc_drain Vcc_select Vcc_FB DC4_PWM DC3_PWM DC1_PWM DC2_PWM V_bulk(DC1) DC1B GND(DC1) DC1A SCLK SDATA nCS DC2A GND(DC2) DC2B V_bulk(DC2) OpAmp_GND OpAmp_Supply V_bulk(DC3) OA4- OA4+ OA4Out OA3- OA3+ OA3Out LED6 LED5 LED4 LED3 LED2 LED1 1 2 3 4 5 SCLK C7 From microcontroller V_bulk C2 R3 0.62 ohm D2 C8 100nF PWM1 Vcc V_bulk V_bulk nCS SDATA L4 220uH 1.2A rms, 4.8A sat V_bulk VPH DC motor nCS PWM2 + C1 + C6 1000uF + C4 2200uF SDATA Vcc PWM2 R2 C3 L1 150uH 3A rms SCLK DC motor R4 0.62 ohm R1 V_bulk V_bulk C5 R5 1K V_bulk D1 Vcc PWM1 Stepper motor Drive DC MTR #2 H Drive DC MTR #1 H Phase A H Drive Phase B H Drive VPH regulator 3A DC Load Vcc regulator 3.3V or 5V SERIAL INTERFACE Reset OP. Amps LED Drivers U1 L8202 61 60 62 59 57 58 1 3 2 6 7 8 9 10 11 12 14 16 15 17 18 19 21 22 23 24 25 26 32 33 34 35 42 43 41 46 47 48 49 50 63 64 51 52 53 54 55 56 20 36 37 U1 L8202 61 60 62 59 57 58 1 3 2 6 7 8 9 10 11 12 14 16 15 17 18 19 21 22 23 24 25 26 32 33 34 35 42 43 41 46 47 48 49 50 63 64 51 52 53 54 55 56 20 36 37 38 39 40 OA1+ OA1- OA1Out OA2Out OA2- OA2+ PH_A+ PH_A- R_Sense_A VPH_gate VPH_source1 VPH_source2 VPH_drain1 VPH_drain2 V_bulk(VPH) VPH_FB PH_B- PH_B+ R_sense_B V_bulk(DC4) Vbulk(Vcc) Vcc_drain Vcc_select Vcc_FB DC4_PWM DC3_PWM DC1_PWM DC2_PWM V_bulk(DC1) DC1B GND(DC1) DC1A SCLK SDATA nCS DC2A GND(DC2) DC2B V_bulk(DC2) OpAmp_GND OpAmp_Supply V_bulk(DC3) OA4- OA4+ OA4Out OA3- OA3+ OA3Out LED6 LED5 LED4 LED3 LED2 LED1 1 2 3 4 5 SCLK C7 From microcontroller V_bulk C2 R3 0.62 ohm D2 C8 100nF PWM1 Vcc 38 39 40 OA1+ OA1- OA1Out OA2Out OA2- OA2+ PH_A+ PH_A- R_Sense_A VPH_gate VPH_source1 VPH_source2 VPH_drain1 VPH_drain2 V_bulk(VPH) VPH_FB PH_B- PH_B+ R_sense_B V_bulk(DC4) Vbulk(Vcc) Vcc_drain Vcc_select Vcc_FB DC4_PWM DC3_PWM DC1_PWM DC2_PWM V_bulk(DC1) DC1B GND(DC1) DC1A SCLK SDATA nCS DC2A GND(DC2) DC2B V_bulk(DC2) OpAmp_GND OpAmp_Supply V_bulk(DC3) OA4- OA4+ OA4Out OA3- OA3+ OA3Out LED6 LED5 LED4 LED3 LED2 LED1 1 2 3 4 5 SCLK C7 From microcontroller V_bulk C2 R3 0.62 ohm D2 C8 100nF PWM1 Vcc V_bulk V_bulk nCS SDATA L4 220uH 1.2A rms, 4.8A sat V_bulk VPH DC motor nCS PWM2 + C1 + C6 1000uF + C4 2200uF SDATA Vcc PWM2 R2 C3 L1 150uH 3A rms SCLK V_bulk V_bulk nCS SDATA L4 220uH 1.2A rms, 4.8A sat V_bulk VPH DC motor nCS PWM2 + C1 + C6 1000uF + C4 2200uF SDATA Vcc PWM2 R2 C3 L1 150uH 3A rms SCLK DC motor R4 0.62 ohm R1 V_bulk V_bulk C5 R5 1K V_bulk D1 Vcc SCLK R4 1K D2 PWM1 C7 nCS SCLK Vcc C8 100nF V_bulk + C6 1000uF nCS PWM3 + C1 V_bulk C3 DC motor 1 2 3 4 5 6 7 V_bulk V_bulk PWM4 Drive DC MTR #2 H Drive DC MTR #1 H Phase A H Drive Phase B H Drive VPH regulator 3A DC Load Vcc regulator 3.3V or 5V SERIAL INTERFACE Reset OP. Amps LED Drivers U1 L8202 61 60 62 59 57 58 1 3 2 6 7 8 9 10 11 12 14 16 15 17 18 19 21 22 23 24 25 26 32 33 34 35 42 43 41 46 47 48 49 50 63 64 51 52 53 54 55 56 20 36 37 38 39 40 OA1+ OA1- OA1Out OA2Out OA2- OA2+ PH_A+ PH_A- R_Sense_A VPH_gate VPH_source1 VPH_source2 VPH_drain1 VPH_drain2 V_bulk(VPH) VPH_FB PH_B- PH_B+ R_sense_B V_bulk(DC4) Vbulk(Vcc) Vcc_drain Vcc_select Vcc_FB DC4_PWM DC3_PWM DC1_PWM DC2_PWM V_bulk(DC1) DC1B GND(DC1) DC1A SCLK SDATA nCS DC2A GND(DC2) DC2B V_bulk(DC2) OpAmp_GND OpAmp_Supply V_bulk(DC3) OA4- OA4+ OA4Out OA3- OA3+ OA3Out LED6 LED5 LED4 LED3 LED2 LED1 SDATA From microcontroller SDATA DC motor PWM2 C5 V_bulk + C4 V_bulk Vcc PWM1 L1 Vcc C2 VPH R2 D1 V_bulk DC motor PWM4 PWM2 L2 220uH 1.2A rms, 4.8A sat R3 PWM3 R1 DC motor SCLK R4 1K D2 PWM1 C7 nCS SCLK Vcc C8 100nF V_bulk + C6 1000uF nCS PWM3 + C1 V_bulk C3 DC motor 1 2 3 4 5 6 7 V_bulk V_bulk PWM4 Drive DC MTR #2 H Drive DC MTR #1 H SCLK R4 1K D2 PWM1 C7 nCS SCLK Vcc C8 100nF V_bulk + C6 1000uF nCS PWM3 + C1 V_bulk C3 DC motor 1 2 3 4 5 6 7 V_bulk V_bulk PWM4 Drive DC MTR #2 H Drive DC MTR #1 H Phase A H Drive Phase B H Drive VPH regulator 3A DC Load Vcc regulator 3.3V or 5V SERIAL INTERFACE Reset OP. Amps LED Drivers Phase A H Drive Phase B H Drive VPH regulator 3A DC Load Vcc regulator 3.3V or 5V SERIAL INTERFACE Reset OP. Amps LED Drivers U1 L8202 61 60 62 59 57 58 1 3 2 6 7 8 9 10 11 12 14 16 15 17 18 19 21 22 23 24 25 26 32 33 34 35 42 43 41 46 47 48 49 50 63 64 51 52 53 54 55 56 20 36 37 38 39 40 OA1+ OA1- OA1Out OA2Out OA2- OA2+ PH_A+ PH_A- U1 L8202 61 60 62 59 57 58 1 3 2 6 7 8 9 10 11 12 14 16 15 17 18 19 21 22 23 24 25 26 32 33 34 35 42 43 41 46 47 48 49 50 63 64 51 52 53 54 55 56 20 36 37 38 39 40 OA1+ OA1- OA1Out OA2Out OA2- OA2+ PH_A+ PH_A- R_Sense_A VPH_gate VPH_source1 VPH_source2 VPH_drain1 VPH_drain2 V_bulk(VPH) VPH_FB PH_B- PH_B+ R_sense_B V_bulk(DC4) Vbulk(Vcc) Vcc_drain Vcc_select Vcc_FB DC4_PWM DC3_PWM DC1_PWM DC2_PWM V_bulk(DC1) DC1B GND(DC1) DC1A SCLK SDATA nCS DC2A GND(DC2) DC2B V_bulk(DC2) OpAmp_GND OpAmp_Supply V_bulk(DC3) OA4- OA4+ OA4Out OA3- OA3+ OA3Out LED6 LED5 LED4 LED3 LED2 LED1 SDATA From microcontroller SDATA DC motor PWM2 C5 V_bulk + C4 V_bulk Vcc PWM1 R_Sense_A VPH_gate VPH_source1 VPH_source2 VPH_drain1 VPH_drain2 V_bulk(VPH) VPH_FB PH_B- PH_B+ R_sense_B V_bulk(DC4) Vbulk(Vcc) Vcc_drain Vcc_select Vcc_FB DC4_PWM DC3_PWM DC1_PWM DC2_PWM V_bulk(DC1) DC1B GND(DC1) DC1A SCLK SDATA nCS DC2A GND(DC2) DC2B V_bulk(DC2) OpAmp_GND OpAmp_Supply V_bulk(DC3) OA4- OA4+ OA4Out OA3- OA3+ OA3Out LED6 LED5 LED4 LED3 LED2 LED1 SDATA From microcontroller SDATA DC motor PWM2 C5 V_bulk + C4 V_bulk Vcc PWM1 L1 Vcc C2 VPH R2 D1 V_bulk DC motor PWM4 PWM2 L2 220uH 1.2A rms, 4.8A sat R3 PWM3 R1 DC motor |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |