Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L8202 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza L8202
Descripción Electrónicos  MULTIFUNCTION ANALOG ASIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8202 Datasheet(HTML) 3 Page - STMicroelectronics

  L8202 Datasheet HTML 1Page - STMicroelectronics L8202 Datasheet HTML 2Page - STMicroelectronics L8202 Datasheet HTML 3Page - STMicroelectronics L8202 Datasheet HTML 4Page - STMicroelectronics L8202 Datasheet HTML 5Page - STMicroelectronics L8202 Datasheet HTML 6Page - STMicroelectronics L8202 Datasheet HTML 7Page - STMicroelectronics L8202 Datasheet HTML 8Page - STMicroelectronics L8202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
L8202
34
GND(DC1)
DC1 Ground.
35
DC1A
Positive output for DC motor driver #1
36
ODD 5
Open Drain Driver #5.
37
ODD 4
Open Drain Driver #4.
38
ODD 3
Open Drain Driver #3.
39
ODD 2
Open Drain Driver #2.
40
ODD1
Open Drain Driver #1.
41
nCS
Chip Select, active Low
42
SCLK
Serial Clock
43
SDI
Serial Data In
44
nRESET
nRESET pin.
45
GND(Logic)
Logic Ground
46
DC2A
Positive output for DC motor driver #2
47
GND(DC2)
DC2 Ground.
48
DC2B
Negative output for DC motor driver #2
49
Vs(DC2)
DC2 Supply voltage.
50
OA_GND
Ground for Op-Amps
51
OA4-
Inverting Input for Op-Amp #4
52
OA4+
Non-Inverting Input For Op-Amp #4
53
OA4Out
Output for Op-Amp #4.
54
OA3-
Inverting Input for Op-Amp #3
55
OA3+
Non-Inverting Input for Op-Amp #3
56
OA3Out
Output for Op-Amp #3
57
OA2-
Inverting Input for Op-Amp #2
58
OA2+
Non-Inverting Input for Op-Amp #2
59
OA2Out
Output for Op-Amp #2.
60
OA1-
Inverting Input for Op-Amp #1
61
OA1+
Non-Inverting Input for Op-Amp #1
62
OA1Out
Output for Op-Amp #1.
63
OA_Supply
Op Amp Supply voltage.
64
Vs(DC3)
DC3 or Stepper PH_A Supply voltage.
N°
Pin
Function
Table 2. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15