Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFPQ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28069PFPQ
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFPQ Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F28069PFPQ Datasheet HTML 17Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 18Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 19Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 20Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 21Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 22Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 23Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 24Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 182 page
background image
21
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Terminal Configuration and Functions
Copyright © 2010–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions(1) (continued)
PIN NAME
PIN NO.
I/O/Z
DESCRIPTION
PZ
PZP
PN
PFP
GPIO38
67
54
I/O/Z
General-purpose input/output 38
XCLKIN
I
External Oscillator Input. The path from this pin to the clock block is not gated by the
mux function of this pin. Care must be taken to not enable this path for clocking if it is
being used for the other functions.
TCK
I
JTAG test clock with internal pullup
Reserved
–
Reserved
Reserved
–
Reserved
Reserved
–
Reserved
GPIO39
66
53
I/O/Z
General-purpose input/output 39
Reserved
–
Reserved
Reserved
–
Reserved
Reserved
–
Reserved
GPIO40
82
–
I/O/Z
General-purpose input/output 40
EPWM7A
O
Enhanced PWM7 output A and HRPWM channel
SCITXDB
O
SCI-B transmit data
Reserved
–
Reserved
GPIO41
76
–
I/O/Z
General-purpose input/output 41
EPWM7B
O
Enhanced PWM7 output B
SCIRXDB
I
SCI-B receive data
Reserved
–
Reserved
GPIO42
1
–
I/O/Z
General-purpose input/output 42
EPWM8A
O
Enhanced PWM8 output A and HRPWM channel
TZ1
I
Trip zone input 1
COMP1OUT
O
Direct output of Comparator 1
GPIO43
8
–
I/O/Z
General-purpose input/output 43
EPWM8B
O
Enhanced PWM8 output B
TZ2
I
Trip zone input 2
COMP2OUT
O
Direct output of Comparator 2
GPIO44
56
–
I/O/Z
General-purpose input/output 44
MFSRA
I/O
McBSP receive frame synch
SCIRXDB
I
SCI-B receive data
EPWM7B
O
Enhanced PWM7 output B
GPIO50
42
–
I/O/Z
General-purpose input/output 50
EQEP1A
I
Enhanced QEP1 input A
MDXA
O
McBSP transmit serial data
TZ1
I
Trip zone input 1
GPIO51
48
–
I/O/Z
General-purpose input/output 51
EQEP1B
I
Enhanced QEP1 input B
MDRA
I
McBSP receive serial data
TZ2
I
Trip zone input 2
GPIO52
53
–
I/O/Z
General-purpose input/output 52
EQEP1S
I/O
Enhanced QEP1 strobe
MCLKXA
I/O
McBSP transmit clock
TZ3
I
Trip zone input 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com