Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320F28069PFPQ Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28069PFPQ
Descripción Electrónicos  Piccolo Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069PFPQ Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320F28069PFPQ Datasheet HTML 22Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 23Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 24Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 25Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 26Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 27Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 28Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 29Page - Texas Instruments TMS320F28069PFPQ Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 182 page
background image
26
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698G – NOVEMBER 2010 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Specifications
Copyright © 2010–2018, Texas Instruments Incorporated
5.5
Power Consumption Summary
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
To realize the IDDA currents shown for IDLE, STANDBY, and HALT, clock to the ADC module must be turned off explicitly by writing to
the PCLKCR0 register.
(3)
The TYP numbers are applicable over room temperature and nominal voltage.
(4)
The following is done in a loop:
•
Data is continuously transmitted out of SPI-A, SPI-B, SCI-A, eCAN-A, McBSP-A, and I2C ports.
•
The hardware multiplier is exercised.
•
Watchdog is reset.
•
ADC is performing continuous conversion.
•
COMP1 and COMP2 are continuously switching voltages.
•
GPIO17 is toggled.
(5)
CLA is continuously performing polynomial calculations.
(6)
For F2806x devices that do not have CLA, subtract the IDD current number for CLA (see Table 5-2) from the IDD (VREG disabled)/IDDIO
(VREG enabled) current numbers listed in Table 5-1 for operational mode.
(7)
If a quartz crystal or ceramic resonator is used as the clock source, the HALT mode shuts down the on-chip crystal oscillator.
(8)
To realize the IDD number shown for HALT mode, the following must be done:
•
PLL2 must be shut down by clearing bit 2 of the PLLCTL register.
•
A value of 0x00FF must be written to the HRCAL register at address 0x6822.
Table 5-1. TMS320F2806x Current Consumption at 90-MHz SYSCLKOUT
MODE
TEST CONDITIONS
VREG ENABLED
VREG DISABLED
IDDIO
(1)
IDDA
(2)
IDD3VFL
IDD
IDDIO
(1)
IDDA
(2)
IDD3VFL
TYP
(3)
MAX
TYP
(3)
MAX
TYP
(3)
MAX
TYP
(3)
MAX
TYP
(3)
MAX
TYP
(3)
MAX
TYP
(3)
MAX
Operational
(Flash)
The following peripheral
clocks are enabled:
•
ePWM1, ePWM2,
ePWM3, ePWM4,
ePWM5, ePWM6,
ePWM7, ePWM8
•
eCAP1, eCAP2,
eCAP3
•
eQEP1, eQEP2
•
eCAN
•
CLA
•
HRPWM
•
SCI-A, SCI-B
•
SPI-A, SPI-B
•
ADC
•
I2C
•
COMP1, COMP2,
COMP3
•
CPU-TIMER0,
CPU-TIMER1,
CPU-TIMER2
•
McBSP
•
USB
All PWM pins are toggled
at 90 kHz.
All I/O pins are left
unconnected.
(4) (5)
Code is running out of
flash with 3 wait states.
XCLKOUT is turned off.
185 mA
(6)
245 mA
(6)
16 mA
22 mA
35 mA
40 mA
165 mA
(6)
220 mA
(6)
15 mA
20 mA
16 mA
22 mA
35 mA
40 mA
IDLE
Flash is powered down.
XCLKOUT is turned off.
All peripheral clocks are
turned off.
22 mA
27 mA
15 µA
25 µA
5 µA
10 µA
21 mA
26 mA
120 µA
400 µA
15 µA
25 µA
5 µA
10 µA
STANDBY
Flash is powered down.
Peripheral clocks are off.
9 mA
11 mA
15 µA
25 µA
5 µA
10 µA
8 mA
10 mA
120 µA
400 µA
15 µA
25 µA
5 µA
10 µA
HALT
Flash is powered down.
Peripheral clocks are off.
Input clock is disabled.
(7)
75 µA
15 µA
25 µA
5 µA
10 µA
25 µA
(8)
40 µA
15 µA
25 µA
5 µA
10 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com