Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HMC988LP3E Datasheet(PDF) 1 Page - Analog Devices

No. de pieza HMC988LP3E
Descripción Electrónicos  PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

HMC988LP3E Datasheet(HTML) 1 Page - Analog Devices

  HMC988LP3E Datasheet HTML 1Page - Analog Devices HMC988LP3E Datasheet HTML 2Page - Analog Devices HMC988LP3E Datasheet HTML 3Page - Analog Devices HMC988LP3E Datasheet HTML 4Page - Analog Devices HMC988LP3E Datasheet HTML 5Page - Analog Devices HMC988LP3E Datasheet HTML 6Page - Analog Devices HMC988LP3E Datasheet HTML 7Page - Analog Devices HMC988LP3E Datasheet HTML 8Page - Analog Devices HMC988LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC988LP3E
v04.1014
PROGRAMMABLE CLOCK DIVIDER AND DELAY
DC - 4 GHz
Functional Diagram
Typical Applications
Features
General Description
the HMC988lP3E is ideal for:
basestation Digital Pre-Distortion Paths(DPD)
High Performance Automated test
Equipment(AtE)
backplane clock skew management
Phase Coherence of multiple clock paths
Clock Delay management to improve setup &
hold time margins
PCb signal light time offset circuits
track and hold circuits for ADC/DACs
DC - 4 GHz
-170 dbc/Hz loor @ 100 MHz output
-164 dbc/Hz loor @ 2 GHz output
integrated Jitter 35 fs
rMs@ 100 MHz output
13 fs
rMs(calculated) @ 2 GHz output
Adjustable output phase with soft/hard reset sync
Adjustable output delay in 60 steps of 20 ps
Flexible input interface:
lVPECl,lVDs,CMl,CMos Compatible
AC or DC Coupling
on - Chip termination 50 Ω (100 Ω Differential)
output Driver (lVPECl):
800 mVpp lVPECl into 50 Ω single-Ended (+3
dbm Fo)
up to 8 addressable dividers per sPi bus
3.3 V operation or 5 V operation with optional on-
chip regulator for best performance
3 x 3 QFn leadless sMt Package
the HMC988lP3E is a an ultra low noise clock
divider capable of dividing by 1/2/4/8/16/32. it is a
versatile device with additional functionality including
adjustable output phase, adjustable delay in 60 steps
of ~ 20 ps, a clock synchronization function, and a
clock invert option.
Housed in a compact 3x3 mm sMt QFn package, the
clock divider offers a high level of functionality. the
device works with 3.3 V supply or may be connected
to 5 V supply and utilize the optional on-chip regulator.
this on-chip regulator may be bypassed.
up to 8 addressable HMC988lP3E devices can be
used together on the sPi bus.
the HMC988lP3E is ideally suited for data converter
applications
with
extremely
low
phase
noise
requirements.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Número de pieza similar - HMC988LP3E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY
More results

Descripción similar - HMC988LP3E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
Programmable DDR Zero Delay Clock Driver
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com