Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HMC988LP3E Datasheet(PDF) 21 Page - Analog Devices

No. de pieza HMC988LP3E
Descripción Electrónicos  PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

HMC988LP3E Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC988LP3E Datasheet HTML 14Page - Analog Devices HMC988LP3E Datasheet HTML 15Page - Analog Devices HMC988LP3E Datasheet HTML 16Page - Analog Devices HMC988LP3E Datasheet HTML 17Page - Analog Devices HMC988LP3E Datasheet HTML 18Page - Analog Devices HMC988LP3E Datasheet HTML 19Page - Analog Devices HMC988LP3E Datasheet HTML 20Page - Analog Devices HMC988LP3E Datasheet HTML 21Page - Analog Devices HMC988LP3E Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
21
HMC988LP3E
v04.1014
PROGRAMMABLE CLOCK DIVIDER AND DELAY
DC - 4 GHz
Register Map
Table 8. Reg 00h - ID and Read Register
bit
name
Width
Default
Description
[3:0]
read Control
4
Enter register Address to be read From
[4]
soft reset
1
0
1: reset
[8:0]
Chip iD
9
register 00 Contains the Chip iD (406 decimal)
Table 9. Reg 01h - Enables
bit
name
Width
Default
Description
[0]
Master Chip Enable
1
1
1 Enables the Chip
[1]
rx buffer Enable
1
1
1 Enables the rx buffer
[2]
Divider Core Enable
1
1
1 Enables the Divider Core
[3]
output buffer enable
1
1
1 Enables the output buffer
[8:4]
reserved
5
0
Table 10. Reg 02h - Divide/Delay select
bit
name
Width
Default
Description
[2:0]
Divide ratio select
2
2
0: /1
1: /2
2: /4
3: /8
4: /16
5: /32
6: n/A
7: n/A
[8:3]
reserved
6
0
Table 11. Reg 03h - Bias
bit
name
Width
Default
Description
[1:0]
reserved
2
2
[3:2]
reserved
2
2
[5:4]
transmit buffer swing select
2
2
0: 600mVpp single Ended
1: 700mVpp single Ended
2: 800mVpp single Ended
3: 900mVpp single Ended
[8:6]
sYnC Delay Adjustment
3
3
Can be used to equalize sYnC delay between dividers. 1000+(0-7)*80 ps
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com