Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC12DL066 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC12DL066
Descripción Electrónicos  Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL066 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12DL066 Datasheet HTML 1Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 2Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
2
V
INA+
V
INB+
Differential analog input pins. With a 1.0V reference voltage
the differential full-scale input signal level is 2.0 V
P-P with
each input pin voltage centered on a common mode voltage,
V
CM. The negative input pins may be connected to VCM for
single-ended operation, but a differential input signal is
required for best performance.
16
1
V
INA−
V
INB−
7V
REF
Reference input. This pin should be bypassed to AGND with
a 0.1 µF capacitor when an external reference is used. V
REF
is 1.0V nominal and should be between 0.8V to 1.5V.
11
INT/EXT REF
Reference source select pin. With a logic low at this pin the
internal 1.0V reference is selected and the V
REF pin need
not be driven. With a logic high on this pin an external
reference voltage should be applied to V
REF input pin 7.
13
5
V
RPA
V
RPB
These pins are high impedance reference bypass pins.
Bypass per Section 1.2. DO NOT LOAD these pins.
14
4
V
RMA
V
RMB
12
6
V
RNA
V
RNB
DIGITAL I/O
60
CLK
Digital clock input. The range of frequencies for this input is
as specified in the electrical tables with guaranteed
performance at 66 MHz. The input is sampled on the rising
edge of this input.
22
41
OEA
OEB
OEA and OEB are the output enable pins that, when low,
holds their respective data output pins in the active state.
When either of these pins is high, the corresponding outputs
are in a high impedance state.
59
PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
21
OF
Output Format pin. A logic low on this pin causes output
data to be in offset binary format. A logic high on this pin
causes the output data to be in 2’s complement format.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com