Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC12DL066 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC12DL066
Descripción Electrónicos  Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL066 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12DL066 Datasheet HTML 3Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 4Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 5Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 6Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 7Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 8Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 9Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 10Page - National Semiconductor (TI) ADC12DL066 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, INT/EXT REF pin = +3.3V, V
REF = +1.0V, fCLK = 66 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin. Bold-
face limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
CLK, PD, OE DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 3.6V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 3.0V
1.0
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 3.3V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
D0–D11 DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DR = 2.5V
2.3
V (min)
V
DR =3V
2.7
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA, VDR =3V
0.4
V (max)
I
OZ
TRI-STATE® Output Current
V
OUT = 2.5V or 3.3V
100
nA
V
OUT = 0V
−100
nA
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−20
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
20
mA
C
OUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
PD Pin = DGND, V
REF = 1.0V
PD Pin = V
D
177
14
237
mA (max)
mA
I
D
Digital Supply Current
PD Pin = DGND
PD Pin = V
D ,fCLK =0
31
8.7
34
mA (max)
mA
I
DR
Digital Output Supply Current
PD Pin = DGND, C
L = 0 pF (Note 14)
PD Pin = V
D,fCLK =0
<2
0
mA
mA
Total Power Consumption
PD Pin = DGND, C
L = 0 pF (Note 15)
PD Pin = V
D
686
75
895
mW (max)
mW
PSRR1
Power Supply Rejection Ratio
Rejection of Full-Scale Error with
V
A = 3.0V vs. 3.6V
56
dB
PSRR2
Power Supply Rejection Ratio
Rejection of Power Supply Noise with
10 MHz, 500 mV riding on V
A
44
dB
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, INT/EXT REF pin = +3.3V, V
REF = +1.0V, fCLK = 66 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin. Bold-
face limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
75
66
MHz (min)
f
CLK2
Minimum Clock Frequency
15
MHz
t
CH
Clock High Time
6.6
ns (min)
t
CL
Clock Low Time
6.6
ns (min)
t
CONV
Conversion Latency
6
Clock
Cycles
t
OD
Data Output Delay after Rising
CLK Edge
V
DR = 2.5V
rising
6.6
9.0
ns (max)
falling
6.0
8.5
ns (max)
V
DR = 3.3V
rising
6.4
9.0
ns (max)
falling
6.5
9.0
ns (max)
t
AD
Aperture Delay
2
ns
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com