Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

54ACTQ244 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACTQ244
Descripción Electrónicos  Quiet Series Octal Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ244 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ244 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics for ’ACQ Family Devices (Continued)
54ACQ
Symbol
Parameter
V
CC
T
A = −55˚C to
+125˚C
Units
Conditions
(V)
Guaranteed Limits
I
OLD
Minimum Dynamic
(Note 4)
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND (Note 5)
I
OZ
Maximum TRI-STATE
V
I(OE) = VIL,VIH
Leakage Current
5.5
±5.0
µA
V
I = VCC, GND
V
O = VCC, GND
V
OLP
Quiet Output
5.0
1.5
V
(Notes 6, 7)
Maximum Dynamic V
OL
V
OLV
Quiet Output
5.0
−1.2
V
(Notes 6, 7)
Minimum Dynamic V
OL
Note 3: All outputs loaded thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
ICC for 54ACQ @ 25˚C is identical to 74ACQ @ 25˚C.
Note 6: Plastic DIP package.
Note 7: Max number of outputs defined as (n). Data Inputs are driven 0V to 5V. One output @ GND.
Note 8: Max number of Data Inputs (n) switching. (n − 1) Inputs switching 0V to 5V (’ACQ). Input-under-test switching: 5V to threshold (VILD), 0V to threshold (VIHD),
f = 1 MHz.
DC Electrical Characteristics for ’ACTQ Family Devices
54ACTQ
Symbol
Parameter
V
CC
−55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.4
(Note 9)
V
IN = VIL or VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
(Note 9)
V
IN = VIL or VIH
4.5
0.50
V
I
OL =24mA
5.5
0.50
I
OL =24mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
OZ
Maximum TRI-STATE
5.5
±5.0
µA
V
I = VIL,VIH
Leakage Current
V
O = VCC, GND
I
CCT
Maximum I
CC/Input
5.5
1.6
mA
V
I = VCC − 2.1V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com