Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

54ACTQ244 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACTQ244
Descripción Electrónicos  Quiet Series Octal Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ244 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACTQ244 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ244 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC Electrical Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
−55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
I
OLD
Minimum Dynamic
(Note 10)
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND (Note 11)
V
OLP
Quiet Output
5.0
1.5
V
(Notes 12, 13)
Maximum Dynamic V
OL
V
OLV
Quiet Output
5.0
−1.2
V
(Notes 12, 13)
Minimum Dynamic V
OL
Note 9: All outputs loaded thresholds on input associated with output under test.
Note 10: Maximum test duration 2.0 ms, one output loaded at a time.
Note 11: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 12: Plastic DIP package.
Note 13: Max number of outputs defined as (n). Data Inputs are driven 0V to 3V. One output @ GND.
AC Electrical Characteristics
54ACQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 14)
C
L = 50 pF
Min
Max
t
PHL, tPLH
Propagation Delay
3.3
1.0
12.5
ns
Data to Output
5.0
1.0
9.0
t
PZL, tPZH
Output Enable Time
3.3
1.0
12.0
ns
5.0
1.0
10.0
t
PHZ, tPLZ
Output Disable Time
3.3
1.0
11.5
ns
5.0
1.0
10.0
Note 14: Voltage Range 5.0 is 5.0V ±0.5V.
Voltage Range 3.3 is 3.3V ±0.3V.
Note 15: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 16)
C
L = 50 pF
Min
Max
t
PHL,tPLH
Propagation Delay
5.0
1.5
9.0
ns
Data to Output
t
PZL,tPZH
Output Enable Time
5.0
1.5
10.5
ns
t
PHZ,tPLZ
Output Disable Time
5.0
1.5
10.5
ns
Note 16: Voltage Range 5.0 is 5.0V ±0.5V.
Note 17: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com