Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPM3810A Datasheet(PDF) 9 Page - Monolithic Power Systems

No. de pieza MPM3810A
Descripción Electrónicos  6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3810A Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPM3810A Datasheet HTML 5Page - Monolithic Power Systems MPM3810A Datasheet HTML 6Page - Monolithic Power Systems MPM3810A Datasheet HTML 7Page - Monolithic Power Systems MPM3810A Datasheet HTML 8Page - Monolithic Power Systems MPM3810A Datasheet HTML 9Page - Monolithic Power Systems MPM3810A Datasheet HTML 10Page - Monolithic Power Systems MPM3810A Datasheet HTML 11Page - Monolithic Power Systems MPM3810A Datasheet HTML 12Page - Monolithic Power Systems MPM3810A Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MPM3810A – 6V, 1.2A, PEAK SIMPLE MODULE W/ INTEGRATED INDUCTOR, AEC-Q100
MPM3810A Rev. 1.0
www.MonolithicPower.com
9
11/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, CIN = 10µF, COUT = 20µF, TA = +25°C, unless otherwise noted.
Steady State
VIN = 5V, VOUT = 1.2V, IOUT = 0.1A
Steady State
VIN = 5V, VOUT = 1.2V, IOUT = 0.6A
CH1: VIN
5V/div.
CH3: VOUT
1V/div.
CH4: IOUT
1A/div.
CH1: VIN
5V/div.
CH3: VOUT
1V/div.
CH4: IOUT
1A/div.
100µs/div.
100µs/div.
Steady State
VIN = 5V, VOUT = 1.2V, IOUT = 1.2A
Steady State
VIN = 5V, VOUT = 1.8V, IOUT = 0.1A
CH1: VIN
5V/div.
CH3: VOUT
1V/div.
CH4: IOUT
1A/div.
CH1: VIN
5V/div.
CH3: VOUT
1V/div.
CH4: IOUT
1A/div.
400µs/div.
2ms/div.
Steady State
VIN = 5V, VOUT = 1.8V, IOUT = 0.6A
Steady State
VIN = 5V, VOUT = 1.8V, IOUT = 1.2A
CH1: VIN
5V/div.
CH3: VOUT
1V/div.
CH4: IOUT
1A/div.
CH1: VIN
5V/div.
CH3: VOUT
1V/div.
CH4: IOUT
1A/div.
2ms/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com