Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPM3810A Datasheet(PDF) 1 Page - Monolithic Power Systems

No. de pieza MPM3810A
Descripción Electrónicos  6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3810A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPM3810A Datasheet HTML 1Page - Monolithic Power Systems MPM3810A Datasheet HTML 2Page - Monolithic Power Systems MPM3810A Datasheet HTML 3Page - Monolithic Power Systems MPM3810A Datasheet HTML 4Page - Monolithic Power Systems MPM3810A Datasheet HTML 5Page - Monolithic Power Systems MPM3810A Datasheet HTML 6Page - Monolithic Power Systems MPM3810A Datasheet HTML 7Page - Monolithic Power Systems MPM3810A Datasheet HTML 8Page - Monolithic Power Systems MPM3810A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPM3810A
6V Input, 1.2A Module
Synchronous Step-Down Converter
with Integrated Inductor
AEC-Q100 Qualified
MPM3810A Rev. 1.0
www.MonolithicPower.com
1
11/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MPM3810A is an automotive-grade, step-
down module converter with built-in power
MOSFETs and an inductor. The module’s
integrated inductor simplifies the power system
design and provides easy and efficient use. The
MPM3810A achieves 1.2A of peak output
current from a 2.6V to 6V input voltage range
with excellent load and line regulation. The
output voltage is regulated as low as 0.6V. Only
FB resistors and input/output capacitors are
required to complete the design.
The constant-on-time control (COT) scheme
provides fast transient response and eases loop
stabilization. Full protection features include
cycle-by-cycle current limiting and thermal
shutdown.
The MPM3810A is ideal for a wide range of
automotive applications including small ECUs,
camera modules, telematics, and infotainment
systems.
The MPM3810A is available in a small surface-
mounted
QFN-12
(2.5mmx3.0mmx0.9mm)
package.
FEATURES
 Guaranteed Industrial/Automotive Temp
 Wide 2.6V to 6V Operating Input Range
 Adjustable Output from 0.6V
 Up to 1.2A Peak Output Current
 100% Duty Cycle in Dropout
 Forced Continuous Conduction Mode
(FCCM)
 EN and Power Good (PG) for Power
Sequencing
 Cycle-by-Cycle Over-Current Protection
(OCP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Requires only Four External Components:
Ceramic Capacitors and FB Divider
Resistors
 Available in a QFN-12
(2.5mmx3.0mmx0.9mm) Package
 Total Solution Size: 6mmx3.8mm
 Available in AEC-Q100
APPLICATIONS
 Automotive ECU
 Rear Cameras
 E-Call
 Telematics
 Infotainment Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
CIN
10 F
R1
40k
R2
4
COUT1
10 F
VIN
2.5V to 6V
VOUT
1.2V
Enable
MPM3810A
VIN
EN
OUT
PGND,
AGND
FB
PG
OUT_S
Efficiency vs. Load
VOUT = 1.2V
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
LOAD CURRENT ( A )
VIN=2.5V
VIN=3.3V
VIN=4V
VIN=5V
VIN=6V


Número de pieza similar - MPM3810A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3810GQB MPS-MPM3810GQB Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3810GQB MPS-MPM3810GQB Datasheet
154Kb / 4P
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
MPM3810GQB MPS-MPM3810GQB Datasheet
176Kb / 5P
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
MPM3810GQB-12 MPS-MPM3810GQB-12 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
More results

Descripción similar - MPM3810A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ2420-AEC1 MPS-MPQ2420-AEC1 Datasheet
1Mb / 22P
75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MPM3510A MPS-MPM3510A Datasheet
544Kb / 22P
36V/1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3515 MPS-MPM3515 Datasheet
1Mb / 22P
36V, 1.5A Module, Synchronous, Step-Down Converter with an Integrated Inductor AEC-Q100 Qualified
MPM3610 MPS-MPM3610 Datasheet
846Kb / 23P
21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3805A MPS-MPM3805A Datasheet
1Mb / 20P
6V Input, 0.6A Module, Synchronous, Step-Down Converter with Integrated Inductor AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com