| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
32F030F4P6 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32F030F4P6 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 93 page ![]() DS9773 Rev 4 25/93 STM32F030x4/x6/x8/xC Pinouts and pin descriptions 33 4 Pinouts and pin descriptions Figure 4. LQFP64 64-pin package pinout (top view), for STM32F030x4/6/8 devices Figure 5. LQFP64 64-pin package pinout (top view), for STM32F030RC devices MSv36496V2 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VDD PC14-OSC32_IN PF0-OSC_IN NRST PC0 PC1 PC2 PC3 VSSA VDDA PA0 PA1 PA2 PF7 PF6 PA13 PA12 PA11 PA10 PA9 PA8 PC9 PC8 PC7 PC6 PB15 PB14 PB13 PB12 LQFP64 PC13 PF1-OSC_OUT PC15-OSC32_OUT IO pins replaced by supply pairs for STM32F030RC devices. MSv36483V2 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VDD PC14-OSC32_IN PF0-OSC_IN NRST PC0 PC1 PC2 PC3 VSSA VDDA PA0 PA1 PA2 VDD VSS PA13 PA12 PA11 PA10 PA9 PA8 PC9 PC8 PC7 PC6 PB15 PB14 PB13 PB12 LQFP64 PC13 PF1-OSC_OUT PC15-OSC32_OUT Additional supply pins required for STM32F030RC devices. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |