Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT24C02 Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

No. de pieza AT24C02
Descripción Electrónicos  Single supply with operation down to 1.8v
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOTCHIP [Hotchip Technology Co.,Ltd]
Página de inicio  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

AT24C02 Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  AT24C02 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd AT24C02 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SERIAL 2K(256×8)EEPROM
 
 
第 5 页  共 13 页 
AT24C02(C)
Data Valid (D)
The state of the data line represents valid data
when, after a Start condition, the data line is stable
for the duration of the high period of the clock
signal.
The data on the line must be changed during
the low period of the clock signal. There is one
clock pulse per bit of data.
Each data transfer is initiated with a Start
condition and terminated with a Stop condition.
The number of data bytes transferred between
Start and Stop conditions is determined by the
master device and is, theoretically, unlimited
(although only the last sixteen will be stored when
doing a write operation). When an over write does
occur, it will replace data in a first-in first-out (FIFO)
fashion.
Acknowledge
Each receiving device, when addressed, is
obliged to generate an acknowledge after the
reception of each byte. The master device must
generate an extra clock pulse which is associated
with this Acknowledge bit.
Note: The 24C02 does not generate any
Acknowledge bits if an internal programming
cycle is in progress.
Th
e device that acknowledges has to pull
down the SDA line during the acknowledge clock
pulse in such a way that the SDA line is stable low
during the high period of the acknowledge related
clock pulse.
Of course, setup and hold times
must be taken into account. During reads, a master
must signal an end of data to the slave by not
generating an Acknowledge bit on the last byte that
has been clocked out of the slave. In this case, the
slave (24C02) will leave the data line high to enable
the master to generate the Stop condition
FIGURE 7-1: DATA TRANSFER SEQUENCE ON THE SERIAL BUS
Device Addressing
A control byte is the first byte received
following the Start condition from the master device.
The control byte consists of a four-bit control code.
For the 24C02, this is set as ‘1010’binary for read
and write operations. The next three bites of the
control byte are “don’t cares” for the 24C02.
The last bit of the control byte defines the
operation to be performed. When set to’1’, a read
operation is selected. When set to ‘0’, a write
operation is selected. Following the start condition,
the 24C02 monitors the SDA bus, checking the
device type identifier being transmitted and, upon
a ‘1010’code, the slave device outputs an
Acknowledge signal on the SDA line. Depending
on the state of the select a read or write operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com