Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NT5CB128M16IP Datasheet(PDF) 2 Page - Nanya Technology Corporation.

No. de pieza NT5CB128M16IP
Descripción Electrónicos  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANYA [Nanya Technology Corporation.]
Página de inicio  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP Datasheet(HTML) 2 Page - Nanya Technology Corporation.

  NT5CB128M16IP Datasheet HTML 1Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 162 page
background image
Version 2.1
2
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Fundamental AC Specifications
– Core Timing
DDR3-2133, DDR3(L)-1866, DDR3(L)-1600 and DDR3(L)-1333
Speed Bins
DDR3-2133
DDR3(L)-1866
DDR3(L)-1600
DDR3(L)-1333
Unit
14-14-14
13-13-13
11-11-11
9-9-9
10-10-10
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAA
13.09
20
13.91
20
13.75
20
13.5
20
15
20
ns
tRCD
13.09
-
13.91
-
13.75
-
13.5
-
15
-
ns
tRP
13.09
-
13.91
-
13.75
-
13.5
-
15
-
ns
tRC
46.09
-
47.91
-
48.75
-
49.5
-
51
-
ns
tRAS
33
9*tREFI
34
9*tREFI
35
9*tREFI
36
9*tREFI
36
9*tREFI
ns
DDR3(L)-1066 and DDR3-800
Speed Bins
DDR3(L)-1066
DDR3-800
Unit
7-7-7
8-8-8
6-6-6
Parameter
Min
Max
Min
Max
Min
Max
tAA
13.125
20
15
20
15
20
ns
tRCD
13.125
-
15
-
15
-
ns
tRP
13.125
-
15
-
15
-
ns
tRC
50.625
-
52.5
-
52.5
-
ns
tRAS
37.5
9*tREFI
37.5
9*tREFI
37.5
9*tREFI
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com