Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NT5CB128M16IP Datasheet(PDF) 3 Page - Nanya Technology Corporation.

No. de pieza NT5CB128M16IP
Descripción Electrónicos  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANYA [Nanya Technology Corporation.]
Página de inicio  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP Datasheet(HTML) 3 Page - Nanya Technology Corporation.

  NT5CB128M16IP Datasheet HTML 1Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB128M16IP Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 162 page
background image
Version 2.1
3
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Descriptions
The 2Gb Double-Data-Rate-3 (DDR3(L)) is double data rate architecture to achieve high-speed operation. It is
internally configured as an eight bank DRAMs.
The 2Gb chip is organized as 32Mbit x 8 I/Os x 8 banks or 16Mbit x 16 I/Os x 8 bank devices. These
synchronous devices achieve high speed double-data-rate transfer rates of up to 1866 Mb/sec/pin for general
applications.
The chip is designed to comply with all key DDR3(L) DRAM key features and all of the control and address
inputs are synchronized with a pair of externally supplied differential clocks. Inputs are latched at the cross
point of differential clocks (CK rising and  falling). All I/Os are synchronized with a single ended DQS or
differential DQS pair in a source synchronous fashion.
These devices operate with a single 1.5V ± 0.075V or 1.35V -0.067V/+0.1V power supply and are available in
BGA packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com