Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TM080SDH01 Datasheet(PDF) 2 Page - GSR Technology Ltd

No. de pieza TM080SDH01
Descripción Electrónicos  TFT Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSR [GSR Technology Ltd]
Página de inicio  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

TM080SDH01 Datasheet(HTML) 2 Page - GSR Technology Ltd

  TM080SDH01 Datasheet HTML 1Page - GSR Technology Ltd TM080SDH01 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
TFT Modules
 
Luminance in cd/sq.m
250
Contrast
500:1
Viewing angle in °
50,70,70,70
Response time (rise+fall) in msec.
25
Color gamut
50%
Portrait
Display type
TN
LED lifetime in Khours
25 Kh
Operating temperature in °C.
-20~70
Storage temperature in °C.
-30~80
Touch (PCAP)
Weight in g
250
Outline dimension (Width x Height x
Thickness) in mm
183.0×141.0×5.6
Active area
162.0x121.5
View direction
12
 
© GSR Technology 2016
​
www.gsr-technology.co.uk
​
Page 2



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com