Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A19530LUCX-TN-RDMOOEG-A Datasheet(PDF) 14 Page - Allegro MicroSystems

No. de pieza A19530LUCX-TN-RDMOOEG-A
Descripción Electrónicos  High Feature Three-Wire Hall-Effect Transmission Speed and Direction Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19530LUCX-TN-RDMOOEG-A Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A19530LUCX-TN-RDMOOEG-A Datasheet HTML 10Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 11Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 12Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 13Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 14Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 15Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 16Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 17Page - Allegro MicroSystems A19530LUCX-TN-RDMOOEG-A Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
High Feature Three-Wire Hall-Effect
Transmission Speed and Direction Sensor IC
A19530
14
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Vibration Detection
Algorithms embedded in the IC’s digital controller detect the
presence of target vibration through analysis of the two magnetic
input channels.
For the -xxxxCxx variant, vibration detection algorithms are
activated in calibration only. Once the device exits calibration,
vibration detection algorithms are deactivated and any direction
change or vibration events are transmitted through the output
with continuous direction information.
For the -xxxxLxx variant, any direction change post calibration
is immediately transmitted to the output, and if any subsequent
vibration occurs, the output is blanked and no output pulses are
emitted for vibrations less than the specified vibration immunity.
Output pulses containing the proper direction information will
resume when direction information is validated on constant target
rotation.
For the -xxxxHxx variant, in the presence of vibration, output
pulses of tw(ND) may occur or no pulses may occur, depending
on the amplitude and phase of the vibration. Output pulses have
a width of tw(ND) until direction information is validated on con-
stant target rotation.
For the –xOOOOxx variant, in the presence of vibration, output
transitions representing target vibration profile may occur.
Figure 17: Output Functionality in the presence of Running Mode Target Vibration (-xxxBCxx variant)
Figure 18: Output Functionality in the presence of Running Mode Target Vibration (-xxxBLxx variant)
N
N
N
N
S
S
S
S
Target
Differential
Magnetic
Profile
Normal Target Rotation
Vibration
Normal Target Rotation
tW(FWD)
[ or tW(REV) ]
tW(FWD)
[ or tW(REV) ]
tW(FWD)
tW(FWD)
[ or tW(REV) ]
[ or tW(REV) ]
tW(REV)
[ or tW(FWD) ]
N
N
N
N
S
S
S
S
Target
Differential
Magnetic
Profile
Normal Target Rotation
Vibration
Normal Target Rotation
tW(FWD)
[ or tW(REV) ]
tW(FWD)
[ or tW(REV) ]
tW(FWD)
tW(FWD)
[ or tW(REV) ]
[ or tW(REV) ]
tW(FWD)
[ or tW(REV) ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18