Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HM3412 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM3412
Descripción Electrónicos  6V 6.0A 1.2MHz Synchronous Step-Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3412 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM3412 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
converter circuit, output ripple voltage is determined
by inductor value, switching frequency, output
capacitor value and ESR. The output ripple is
determined by:
)
C
F
8
1
ESR
(
I
V
OUT
OSC
COUT
L
OUT
Where FOSC = operating frequency, COUT= output
capacitance and ΔIL = ripple current in the inductor.
For a fixed output voltage, the output ripple is highest
at maximum input voltage since ΔIL increases with
input voltage. Two 22μF ceramic capacitors are
recommended value in typical application.
Inductor Selection
For high efficiencies, the inductor should have a low
DC resistance to minimize conduction losses.
Especially at high-switching frequencies, the core
material has a higher impact on efficiency. When
using small chip inductor, the efficiency is reduced
mainly due to higher inductor core losses. This needs
to be considered when selecting the appropriate
inductor. The inductor value determines the inductor
ripple current. The larger the inductor value, the
smaller the inductor ripple current and the lower the
conduction losses of the converter. Conversely, larger
inductor values cause a slower load transient response.
A reasonable starting point for setting ripple current,
ΔL, is 40% of maximum output current. The
recommended inductor value can be calculated as
below:
L
SW
MAX
,
IN
OUT
OUT
I
F
V
/
V
1
V
L
L
MAX
,
OUT
MAX
,
L
I
2
/
1
I
I
To avoid the saturation of the inductor, the
inductor should be rated at least for the
maximum output current of the converter plus the
inductor ripple current.
Layout Consideration
The layout design of
HM3412 regulator is relatively simple. For the best efficiency and minimum noise problems, we
should place the following components close to the IC: CIN, L, RH and RL:
1) Multi-layer board is suggested for HM3412 output current application. It is desirable to maximize the PCB copper area
connecting to GND pin to achieve the best thermal and noise performance. Reasonable vias are suggested to be placed
around GND pins to enhance the soldering quality and thermal performance.
2) CIN must be close to Pins IN and GND. The loop area formed by CIN and GND must be minimized.
3) The PCB copper area associated with SW pin must be minimized to avoid the potential noise problem.
4) The components RH and RL, and the trace connecting to the FB pin must not be adjacent to the SW net on the PCB
layout to avoid the noise problem.
6V 6.0A 1.2MHz Synchronous Step-Down Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com