Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HM3412 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM3412
Descripción Electrónicos  6V 6.0A 1.2MHz Synchronous Step-Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3412 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3412 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3412 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN ASSIGNMENT
DFN2x2-8
PIN DESCRIPTION
PIN No
SYMBOL
DESCRIPTTION
1
EN
Enable pin for the IC. Drive the pin to high to enable the part, and low to disable. Do not float.
4,5
GND
Power Ground
3,6
SW
Inductor connection. Connect an inductor between SW and the regulator output.
2
IN
Power Supply Input Pin.
8
FB
Feedback input. Connect an external resistor divider from the output to FB and GND to set the
output to a voltage between 0.6V To program the output voltage: VOUT=0.6*(1+RH/RL)
7
PG
Power good indicator. When the output voltage exceeds 90% of regulation point, It becomes
open drain low otherwise. Connect this pin to IN by a 1MΩ pull-up resistor.
ABSOLUTE MAXIMUM RATINGS(Note 1)
Parameter
Value
Max Input Voltage
6.5V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-40C – 85C
Maximum Power Dissipation
DFN2x2-8
2W
Package Thermal Resistor
θJA
62C
θJC
10C/W
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
Note1: Absolute Maximum Ratings are threshold limit values that must not be exceeded even for an instant under
any condition. Moreover, such values for any two items must not be reached simultaneously. Operation above these
absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only
and do not necessarily imply functional operation below these limits.
6V 6.0A 1.2MHz Synchronous Step-Down Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com