Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MF08F1020CML Datasheet(PDF) 13 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza MF08F1020CML
Descripción Electrónicos  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF08F1020CML Datasheet(HTML) 13 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MF08F1020CML Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Approval Sheet
Page 13 of 13
ASC_MFxxF&W
Dec - 2018
10 / 700us Pulse
According to IEC 60115-1 4.27 10 / 700us use 10 pulses at 60sec intervals pulse shapes test resistor,
permissible the resistance to be varied by ± (0.5% R + 0.01
Ω).
10
100
1K
10K
100K
1M
Resistance (Ohm)
10/700us Pulse Voltage
1206/0805
0603
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com