Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MF08F1020CML Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza MF08F1020CML
Descripción Electrónicos  Precision Thin Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MF08F1020CML Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  MF08F1020CML Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MF08F1020CML Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Approval Sheet
Page 3 of 13
ASC_MFxxF&W
Dec - 2018
QUICK REFERENCE DATA
Item
General Specification
Series No.
MF12F&W
MF08F&W
MF06F&W
MF04F&W
Size code
1206 ( 3216 )
0805 ( 2012 )
0603 ( 1608 )
0402 ( 1005 )
Resistance Tolerance
±1%, ±0.5%, ±0.25%, ±0.1%, ±0.05%
Resistance Range
10
Ω ~ 1MΩ
10
Ω ~ 350KΩ
40
Ω ~ 130KΩ
40
Ω ~ 35KΩ
TCR (ppm/
°C)
+15 /+10 ppm/
°C
Max. dissipation at Tamb=85
°C
0.4W
0.2W
0.15W
0.0625W
Max. Operation Voltage (DC or RMS)
200V
100V
75V
50V
Max. Overload Voltage (DC or RMS)
400V
200V
150V
100V
Operating Temperature Range
- 55~ +155’C
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS:( unit:mm)
Type
MF12
MF08
MF06
MF04
L
3.10
±±±± 0.10
2.00
±±±± 0.10
1.55
±±±± 0.10
1.00
±±±± 0.10
W
1.60
±±±± 0.10
1.25
±±±± 0.10
0.80
±±±± 0.10
0.50
±±±± 0.05
A
0.40
±±±± 0.20
0.35
±±±± 0.20
0.3
±±±± 0.20
0.25
±±±± 0.15
B
0.40
±±±± 0.20
0.40
±±±± 0.20
0.30
±±±± 0.15
0.30
±±±± 0.10
t
0.60
±±±± 0.15
0.50
±±±± 0.15
0.45
±±±± 0.15
0.30
±±±± 0.10
Protective coat
Resistive layer
End termination
Ceramic Substrate
t
B
A
T
W
L
01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com