Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CL50GRYAOS3IPQ Datasheet(PDF) 5 Page - Banner Engineering Corp.

No. de pieza CL50GRYAOS3IPQ
Descripción Electrónicos  CL50 Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50GRYAOS3IPQ Datasheet(HTML) 5 Page - Banner Engineering Corp.

  CL50GRYAOS3IPQ Datasheet HTML 1Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 2Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 3Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 4Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 5Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mounting Brackets
All measurements are listed in millimeters [inches], unless noted otherwise.
SMB30A
•
Right-angle bracket with curved slot
for versatile orientation
•
Clearance for M6 (¼ in) hardware
•
Mounting hole for 30 mm sensor
•
12-ga. stainless steel
45
61
69
A
B
C
Hole center spacing: A to B=40
Hole size: A=ø 6.3, B= 27.1 x 6.3, C=ø 30.5
SMB30FA
•
Swivel bracket with tilt and pan
movement for precise adjustment
•
Mounting hole for 30 mm sensor
•
12-ga. 304 stainless steel
•
Easy sensor mounting to extrude rail
T-slot
•
Metric and inch size bolt available
A
B
68.9
36.3
83.2
Bolt thread: SMB30FA, A= 3/8 - 16 x 2 in; SMB30FAM10, A= M10 - 1.5 x 50
Hole size: B= ø 30.1
SMB30MM
•
12-ga. stainless steel bracket with
curved mounting slots for versatile
orientation
•
Clearance for M6 (¼ in) hardware
•
Mounting hole for 30 mm sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
SMBAMS30P
•
Flat SMBAMS series bracket
•
30 mm hole for mounting sensors
•
Articulation slots for 90°+ rotation
•
12-ga. 300 series stainless steel
45
93
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
SMBAMS30RA
•
Right-angle SMBAMS series bracket
•
30 mm hole for mounting sensors
•
Articulation slots for 90°+ rotation
•
12-ga. (2.6 mm) cold-rolled steel
53
48
45
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
SMB30SC
•
Swivel bracket with 30 mm mounting
hole for sensor
•
Black reinforced thermoplastic
polyester
•
Stainless steel mounting and swivel
locking hardware included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
LMBE12RA35
•
Direct mounting of stand-off pipe, with common
bracket type
•
Zinc-plated steel
•
1/2-14 NPSM nut
•
Mounting distance from the wall to the center of
the 1/2-14 NPSM nut is 35 mm
Hole center spacing: 20.0
38.25
57
2X Ø9
1/2 - 14
NPSM NUT
55
35
LMBE12RA45
•
Direct mounting of stand-off pipe, with common
bracket type
•
Zinc-plated steel
•
1/2-14 NPSM nut
•
Mounting distance from the wall to the center of
the 1/2-14 NPSM nut is 45 mm
Hole center spacing: 35.0
38.25
81
65
45
2X Ø11
1/2 - 14
NPSM NUT
LMB Sealed Right-Angle Bracket
Model
Description
Construction
LMB30RA
Direct-Mount Models: Bracket kit with base, 30 mm adapter,
set screw, fasteners, O-rings, and gaskets.
Black polycarbonate
LMB30RAC
Gray polycarbonate
LMBE12RA
Pipe-Mount Models: Bracket kit with base, ½-14 pipe adapter,
set screw, fasteners, O-rings, and gaskets. For use with
stand-off pipe (listed and sold separately).
Black polycarbonate
LMBE12RAC
Gray polycarbonate
CL50 Column Light
P/N 145315 Rev. O
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com