Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CL50GRYAOS3IPQ Datasheet(PDF) 1 Page - Banner Engineering Corp.

No. de pieza CL50GRYAOS3IPQ
Descripción Electrónicos  CL50 Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BANNER [Banner Engineering Corp.]
Página de inicio  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50GRYAOS3IPQ Datasheet(HTML) 1 Page - Banner Engineering Corp.

  CL50GRYAOS3IPQ Datasheet HTML 1Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 2Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 3Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 4Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 5Page - Banner Engineering Corp. CL50GRYAOS3IPQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Multi-Color General Purpose or Audible Indicators
• Rugged, cost-effective, and easy-to-install multi-color indicators
• Illumination provides easy-to-see operator guidance and equipment status indication
• 1-, 2-, or 3-color models available
• Available in black or light gray housing
• Audible models available with standard, sealed, or omni-directional audible element
• Continuous, pulsed, and staccato tones available
• 18 V to 30 V dc operation
• Compact devices are completely self-contained, no controller needed
• No assembly required
Non-Audible Models
Models1
# of LED
Colors
LED Colors2
Connection3
Inputs
Color 1
Color 2
Color 3
CL50GXXPQ
1
Green
-
-
Integral 4-pin M12/Euro-style quick
disconnect
PNP
CL50GXXNQ
Green
-
-
NPN
CL50XRXPQ
-
Red
-
PNP
CL50XRXNQ
-
Red
-
NPN
CL50GRXPQ
2
Green
Red
-
PNP
CL50GRXNQ
Green
Red
-
NPN
CL50GRYPQ
3
Green
Red
Yellow
PNP
CL50GRYNQ
Green
Red
Yellow
NPN
Audible Models
Standard Audible
Models1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Color 1
Color 2
Color 3
CL50GXXAPQ
1
Green
–
–
Integral 5-pin M12/Euro-style quick
disconnect
PNP
CL50GXXANQ
Green
–
–
NPN
CL50XRXAPQ
–
Red
–
PNP
CL50XRXANQ
–
Red
–
NPN
CL50GRXAPQ
2
Green
Red
–
PNP
CL50GRXANQ
Green
Red
–
NPN
CL50GRYAPQ
3
Green
Red
Yellow
PNP
CL50GRYANQ
Green
Red
Yellow
NPN
Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50GXXALSPQ
CL50GXXALS3PQ
CL50GXXALS4PQ
1
Green
-
-
Integral 5-pin
M12/Euro-style
quick disconnect
PNP
CL50GXXALSNQ
CL50GXXALS3NQ
CL50GXXALS4NQ
Green
-
-
NPN
CL50XRXALSPQ
CL50XRXALS3PQ
CL50XRXALS4PQ
-
Red
-
PNP
CL50XRXALSNQ
CL50XRXALS3NQ
CL50XRXALS4NQ
-
Red
-
NPN
CL50GRXALSPQ
CL50GRXALS3PQ
CL50GRXALS4PQ
2
Green
Red
-
PNP
CL50GRXALSNQ
CL50GRXALS3NQ
CL50GRXALS4NQ
Green
Red
-
NPN
CL50GRYALSPQ
CL50GRYALS3PQ
CL50GRYALS4PQ
3
Green
Red
Yellow
PNP
1 Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "Q" of quick disconnect model numbers. For
example, CL50GXXAPC or CL50GXXAPCQ.
2 Available colors include: Green (G), Red (R), Yellow (Y), Blue (B), and White (W). Contact Banner Engineering for other colors and color combinations.
3
•
To order the 150 mm (6 in) PVC cable model with a M12/Euro-style quick disconnect, replace the suffix "Q" with "QP" in the model number. For example,
CL50GXXAPQP.
•
To order the 2 m (6.5 ft) PVC cable model, omit the suffix "Q" in the model number. For example, CL50GXXAP.
•
Models with a quick disconnect require a mating cordset.
CL50 Column Light
Original Document
145315 Rev. O
7 May 2019
145315


Número de pieza similar - CL50GRYAOS3IPQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Banner Engineering Corp...
CL50 BANNER-CL50 Datasheet
673Kb / 6P
CL50 Universal AC Voltage Column Light
logo
Raltron Electronics Cor...
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
CL5032-50.000-2.5-25-X-T RALTRON-CL5032-50.000-2.5-25-X-T Datasheet
480Kb / 3P
LVDS CLOCK OSCILLATOR
January 18, 2019
logo
Wabash Transformer Inc.
CL50AW00-0CT WABASH-CL50AW00-0CT Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL50AW01-000 WABASH-CL50AW01-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
More results

Descripción similar - CL50GRYAOS3IPQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Banner Engineering Corp...
CL50 BANNER-CL50_V01 Datasheet
673Kb / 6P
CL50 Universal AC Voltage Column Light
logo
Schneider Electric
XUSZMF125 SCHNEIDER-XUSZMF125 Datasheet
70Kb / 2P
Column with mirror 1200 mm for safety light curtains - Hp = 910 mm
Jan 19, 2021
XUSZMF138 SCHNEIDER-XUSZMF138 Datasheet
70Kb / 2P
Column with mirror 1330 mm for safety light curtains - Hp = 1060 mm
Jan 19, 2021
XUSZMF172 SCHNEIDER-XUSZMF172 Datasheet
70Kb / 2P
Column with mirror 1700 mm for safety light curtains - Hp = 1360 mm
Jan 19, 2021
XUSZMF202 SCHNEIDER-XUSZMF202 Datasheet
70Kb / 2P
Column with mirror 1970 mm for safety light curtains - Hp = 1810 mm
Jan 19, 2021
XUSZSC172 SCHNEIDER-XUSZSC172 Datasheet
79Kb / 3P
Column without mirror 1670 mm for safety light curtains - Hp = 1360 mm
Jan 19, 2021
XUSZSC202 SCHNEIDER-XUSZSC202 Datasheet
79Kb / 3P
Column without mirror 1970 mm for safety light curtains - Hp = 1810 mm
Jan 19, 2021
XUSZSM2B SCHNEIDER-XUSZSM2B Datasheet
60Kb / 1P
Column for 2 beams safety light curtain integrated muting
Jan 19, 2021
XUSZSM3B SCHNEIDER-XUSZSM3B Datasheet
61Kb / 1P
Column for 3 beams safety light curtain integrated muting
Jan 19, 2021
XUSZSM4B SCHNEIDER-XUSZSM4B Datasheet
61Kb / 1P
Column for 4 beams safety light curtain integrated muting
Jan 19, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com