Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PQMB11 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

No. de pieza PQMB11
Descripción Electrónicos  PNP/PNP resistor-equipped transistors;
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMB11 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PQMB11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMB11
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
PQMB11
All information provided in this document is subject to legal disclaimers.
Product data sheet
26 October 2015
5 / 14
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
543
K/W
Per device
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
357
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
aaa-007378
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.02
0.01
0
0.05
FR4 PCB, standard footprint
Fig. 3. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com