Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PQMB11 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

No. de pieza PQMB11
Descripción Electrónicos  PNP/PNP resistor-equipped transistors;
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PQMB11 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PQMB11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PQMB11 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PQMB11
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
PQMB11
All information provided in this document is subject to legal disclaimers.
Product data sheet
26 October 2015
6 / 14
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current (emitter open)
VCB = -50 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
VCE = -30 V; IB = 0 A; Tamb = 25 °C
-
-
-1
µA
ICEO
collector-emitter cut-off
current (base open)
VCE = -30 V; IB = 0 A; Tamb = 150 °C
-
-
-5
µA
IEBO
emitter-base cut-off
current (collector open)
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-400
µA
hFE
DC current gain
VCE = -5 V; IC = -5 mA; Tamb = 25 °C
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-
-150
mV
VI(off)
off-state input voltage
VCE = -5 V; IC = -100 µA; Tamb = 25 °C
-
-1.1
-0.8
V
VI(on)
on-state input voltage
VCE = -0.3 V; IC = -10 mA; Tamb = 25 °C
-2.5
-1.8
-
V
R1
bias resistor 1
[1]
7
10
13
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
0.8
1
1.2
CC
collector capacitance
VCB = -10 V; IE = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
3
pF
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz;
Tamb = 25 °C
[2]
-
180
-
MHz
[1] See section "Test information" for resistor calculation and test conditions.
[2] Characteristics of built-in transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com