Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XRT85L61 Datasheet(PDF) 10 Page - Exar Corporation

No. de pieza XRT85L61
Descripción Electrónicos  BITS (BUILDING INTEGRATED TIMING SUPPLY) CLOCK EXTRACTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

XRT85L61 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT85L61 Datasheet HTML 6Page - Exar Corporation XRT85L61 Datasheet HTML 7Page - Exar Corporation XRT85L61 Datasheet HTML 8Page - Exar Corporation XRT85L61 Datasheet HTML 9Page - Exar Corporation XRT85L61 Datasheet HTML 10Page - Exar Corporation XRT85L61 Datasheet HTML 11Page - Exar Corporation XRT85L61 Datasheet HTML 12Page - Exar Corporation XRT85L61 Datasheet HTML 13Page - Exar Corporation XRT85L61 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XRT85L61
BITS (BUILDING INTEGRATED TIMING SUPPLY) CLOCK EXTRACTOR
REV. 1.0.1
9
NOTES:
1.
V1 and V2 indicate AMI code-rule violations, and give the 8kHz timing.
2.
V1 and V2 have different violation polarity with respect to each other.
3.
nV indicates no violation (violation stealing) and gives the 400 Hz timing.
1.2
2048 kHz RZ E1 Mode
In this mode, the XRT85L61 receives a standard E1 signal as shown in Figure 5. Table 4 gives the details of
the E1 pulse.
FIGURE 4. INPUT DATA 64 KHZ + 8 KHZ + 400 HZ OPERATION (S1 = 0, S2 = 0, S3 = 1)
FIGURE 5. E1 PULSE MASK (G.703)
V1
125
µs
(8 kH z)
125
µs
(8 kH z)
125
µs
(8 kH z)
125
µs
(8 kH z)
nV
V2
V1
V2
nV
(8 kH z)
(400 H z)
(400 H z)
LC V
if nV is
Missing
26 9 n s
(244 + 2 5)
19 4 n s
(2 4 4 –5 0 )
24 4 n s
21 9 n s
(2 4 4 – 2 5 )
48 8 n s
(2 4 4 + 2 4 4 )
0%
50 %
V= 1 0 0 %
N o m ina l pul s e
No te – V c o rre s ponds t o t h e nom in al pea k va lu e .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com