| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB334X Datasheet(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB334X Datasheet(HTML) 88 Page - Microchip Technology |
|
88 / 92 page ![]() USB334x DS00002646A-page 88 2009-2018 Microchip Technology Inc. APPENDIX A: DATA SHEET REVISION HISTORY Revision Level & Date Section/Figure/Entry Correction DS00002646A (02-09-18) Document is converted to Microchip template; REV A replaces previous SMSC ver- sion Rev. 1.2 (02-08-13). Added Section 3.3, "Package Thermal Specifications" Rev. 1.2 (02-08-13) Document co-branded: Microchip logo added; document disclaimer modified. Added to ordering information: “Please contact your SMSC sales representative for additional documentation related to this product such as application notes, anomaly sheets, and design guidelines.” Rev. 1.2 (08-15-11) Product Features - cover The following text removed from package informa- tion bullet: “USB3341, USB3343, USB3346 and USB3347.” Rev 1.2 (08-10-11) Page 2 Table 3-1, Table 3-2 Table 4-1, Table 4-2 Table 2-2 Section 7.1.3.1 Throughout Document Throughout Document Added USB3347 product. Removed requirement that VDD18 be active while VDDIO is active. Updated power specifications Modified VDDIO Description Removed “and LPM” from section title. Updated support for Battery Charging v1.2. Various editorial improvements. Rev 1.1 (01-20-11) Section 1.0, "General Description" Paragraph 6 Figure 1.1 Block Diagram Section 5.5.2, "REFCLK Amplitude" Section 5.9, "USB Charger Detection Support" Add Rapid Charge and BC 1.1 descriptions Added BC 1.1 Block Correct REFCLK voltage reference Added BC 1.1 Details Package Outline Changed format and figure titles Rev. 1.0 (08-25-10) Product Features Added SMSC RapidCharge Anywhere feature Rev. 0.9 (11-16-09) Initial data sheet release |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |