| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD78044F Datasheet(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78044F Datasheet(HTML) 7 Page - NEC |
|
7 / 66 page ![]() µPD78F0034A, 78F0034AY 7 Data Sheet U14040EJ4V0DS 1. PIN CONFIGURATION (TOP VIEW) • 64-pin plastic SDIP (19.05 mm (750)) µPD78F0034ACW, 78F0034AYCW Notes 1. SDA0 and SCL0 are incorporated only in the µPD78F0034AY Subseries. 2. SI31, SO31, and SCK31 are incorporated only in the µPD78F0034A Subseries. Cautions 1. Connect the VPP pin directly to VSS0 or VSS1 in normal operation mode. 2. Connect the AVSS pin to VSS0. Remark When the µPD78F0034A and 78F0034AY are used in application fields that require reduction of the noise generated from inside the microcontroller, the implementation of noise reduction measures, such as supplying voltage to VDD0 and VDD1 individually and connecting VSS0 and VSS1 to different ground lines, is recommended. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 P67/ASTB P66/WAIT P65/WR P64/RD P75/BUZ P74/PCL P73/TI51/TO51 P72/TI50/TO50 P71/TI01 P70/TI00/TO0 P03/INTP3/ADTRG P02/INTP2 P01/INTP1 P00/INTP0 VSS1 X1 X2 VPP XT1 XT2 RESET AVDD AVREF P10/ANI0 P11/ANI1 P12/ANI2 P13/ANI3 P14/ANI4 P15/ANI5 P16/ANI6 P17/ANI7 AVSS 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 P40/AD0 P41/AD1 P42/AD2 P43/AD3 P44/AD4 P45/AD5 P46/AD6 P47/AD7 P50/A8 P51/A9 P52/A10 P53/A11 P54/A12 P55/A13 P56/A14 P57/A15 VSS0 VDD0 P30 P31 P32/SDA0Note 1 P33/SCL0Note 1 P34/SI31Note 2 P35/SO31Note 2 P36/SCK31Note 2 P20/SI30 P21/SO30 P22/SCK30 P23/RxD0 P24/TxD0 P25/ASCK0 VDD1 |