| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD78044F Datasheet(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78044F Datasheet(HTML) 13 Page - NEC |
|
13 / 66 page ![]() µPD78F0034A, 78F0034AY 13 Data Sheet U14040EJ4V0DS 3.2 Non-Port Pins (2/2) Pin Name I/O Function After Reset Alternate Function A8 to A15 Output Higher address bus for extending memory externally. Input P50 to P57 RD Output Strobe signal output for read operation of external memory. Input P64 WR Strobe signal output for write operation of external memory. P65 WAIT Input Inserting wait for accessing external memory. Input P66 ASTB Output Strobe output which externally latches address information output to Input P67 ports 4 and 5 to access external memory. ANI0 to ANI7 Input A/D converter analog input. Input P10 to P17 ADTRG Input A/D converter trigger signal input. Input P03/INTP3 AVREF Input A/D converter reference voltage input. –– AVDD – A/D converter analog power supply. –– Set the voltage equal to VDD0 or VDD1. AVSS – A/D converter ground potential. –– Set the voltage equal to VSS0 or VSS1. RESET Input System reset input. –– X1 Input Connecting crystal resonator for main system clock oscillation. –– X2 – –– XT1 Input Connecting crystal resonator for subsystem clock oscillation. –– XT2 – –– VDD0 – Positive power supply voltage for ports. –– VSS0 – Ground potential of ports. –– VDD1 – Positive power supply (except ports). –– VSS1 – Ground potential (except ports). –– VPP – Applying high-voltage for program write/verify. Connect directly to VSS0 –– or VSS1 in normal operation mode. |