Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XIO2001ZWS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de pieza XIO2001ZWS
Descripción Electrónicos  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

XIO2001ZWS Datasheet(HTML) 14 Page - Texas Instruments

Back Button XIO2001ZWS Datasheet HTML 10Page - Texas Instruments XIO2001ZWS Datasheet HTML 11Page - Texas Instruments XIO2001ZWS Datasheet HTML 12Page - Texas Instruments XIO2001ZWS Datasheet HTML 13Page - Texas Instruments XIO2001ZWS Datasheet HTML 14Page - Texas Instruments XIO2001ZWS Datasheet HTML 15Page - Texas Instruments XIO2001ZWS Datasheet HTML 16Page - Texas Instruments XIO2001ZWS Datasheet HTML 17Page - Texas Instruments XIO2001ZWS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
14
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Miscellaneous Pins (continued)
SIGNAL
ZGU
BALL
NO.
ZAJ
BALL
NO.
PNP
PIN
NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
GPIO3 // SDA
N11
L08
58
I/O
LV
CMOS
VDD_33
Optional pullup
resistor
GPIO3 or serial-bus data. This terminal
functions as serial-bus data if a pullup
resistor is detected on SCL or when the
SBDETECT bit is set in the Serial Bus
Control and Status Register (see Serial-
Bus Control and Status Register). If no
pullup is detected then this terminal
functions as GPIO3.
Note: In serial-bus mode, an external
pullup resistor is required to prevent the
SDA signal from floating.
GPIO4 // SCL
M10
M10
59
I/O
LV
CMOS
VDD_33
Optional pullup
resistor
GPIO4 or serial-bus clock. This terminal
functions as serial-bus clock if a pullup
resistor is detected on SCL or when the
SBDETECT bit is set in the Serial Bus
Control and Status Register (see Serial-
Bus Control and Status Register). If no
pullup is detected then this terminal
functions as GPIO4.
Note: In serial-bus mode, an external
pullup resistor is required to prevent the
SCL signal from floating.
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.
GRST
N13
M11
66
I
LV
CMOS
VDD_33
_COMBIO
–
Global
reset
input.
Asynchronously
resets all logic in device, including sticky
bits
and
power
management
state
machines.
Note: The GRST input buffer has both
hysteresis and an internal active pullup.
The pullup is active at all times.
PCLK66_
SEL
B12
A11
98
I
LV
CMOS
VDD_33
Optional
pulldown
resistor
PCI
clock
select.
This
terminal
determines
the
default
PCI
clock
frequency
driven out the CLKOUTx
terminals.
0 = 50 MHz PCI Clock
1 = 66 MHz PCI Clock
Note: This terminal has an internal
active pullup resistor. This pullup is
active at all times.
Note: M66EN terminal also has an
affect of PCI clock frequency.
SERIRQ
N08
M08
52
I/O
PCI
Bus
PCIR
Pullup or
pulldown
resistor
Serial
IRQ
interface.
This
terminal
functions as a serial IRQ interface if a
pullup is detected when PERST is
deasserted. If a pulldown is detected,
then the serial IRQ interface is disabled.
VREG_
PD33
D12
E11
90
I
LV
CMOS
VDD_33
_COMBIO
Pulldown
resistor
3.3-V voltage regulator powerdown. This
terminal should always be tied directly to
ground or an optional pulldown resistor
can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com