Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XIO2001ZWS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No. de pieza XIO2001ZWS
Descripción Electrónicos  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

XIO2001ZWS Datasheet(HTML) 21 Page - Texas Instruments

Back Button XIO2001ZWS Datasheet HTML 17Page - Texas Instruments XIO2001ZWS Datasheet HTML 18Page - Texas Instruments XIO2001ZWS Datasheet HTML 19Page - Texas Instruments XIO2001ZWS Datasheet HTML 20Page - Texas Instruments XIO2001ZWS Datasheet HTML 21Page - Texas Instruments XIO2001ZWS Datasheet HTML 22Page - Texas Instruments XIO2001ZWS Datasheet HTML 23Page - Texas Instruments XIO2001ZWS Datasheet HTML 24Page - Texas Instruments XIO2001ZWS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
21
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
The PCI shared signals are AD31:0, C/BE[3:0], FRAME, TRDY, IRDY, STOP, IDSEL, DEVSEL, LOCK, SERIRQ, PAR, PERR, SERR,
and CLKRUN.
6.11 PCI Bus Timing Requirements
over recommended operating conditions
(1)
PARAMETER
TEST
CONDITION
33 MHz
66 MHz
UNIT
MIN
MAX
MIN
MAX
tpd
CLK to shared signal valid propagation delay time
CL = 50 pF
11
ns
CL = 30 pF
6
CLK to shared signal invalid propagation delay time
CL = 50 pF
2
CL = 30 pF
1
tON
tEnable time, high-impedance-to-active delay time from CLK
CL = 50 pF
2
ns
CL = 30 pF
1
tOFF
Disable time, active-to-high-impedance delay time from CLK
CL = 50 pF
28
ns
CL = 30 pF
14
tsu
Setup time on shared signals before CLK valid (rising edge)
7
3
ns
th
Hold time on shared signals after CLK valid (rising edge)
0
0
ns
6.12 Power-Up/-Down Sequencing
The bridge contains both 1.5-V and 3.3-V power terminals. The following power-up and power-down sequences
describe how power is applied to these terminals.
In addition, the bridge has three resets: PERST, GRST and an internal power-on reset. These resets are fully
described in Bridge Reset Features. The following power-up and power-down sequences describe how PERST
is applied to the bridge.
The application of the PCI Express reference clock (REFCLK) is important to the power-up/-down sequence and
is included in the following power-up and power-down descriptions.
6.12.1 Power-Up Sequence
1.
Assert GRST and PERST to the device.
2.
Apply 1.5-V and 3.3-V voltages.
3.
Deassert GRST.
4.
Apply a stable PCI Express reference clock.
5.
To meet PCI Express specification requirements, PERST cannot be deasserted until the following two delay requirements are satisfied:
–
Wait a minimum of 100
μs after applying a stable PCI Express reference clock. The 100-μs limit satisfies the requirement for stable
device clocks by the deassertion of PERST.
–
Wait a minimum of 100 ms after applying power. The 100-ms limit satisfies the requirement for stable power by the deassertion of
PERST.
See the power-up sequencing diagram in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com