Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VGI3STR Datasheet(PDF) 83 Page - STMicroelectronics

No. de pieza STM32L4R5VGI3STR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGI3STR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32L4R5VGI3STR Datasheet HTML 79Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 80Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 81Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 82Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 83Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 84Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 85Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 86Page - STMicroelectronics STM32L4R5VGI3STR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 307 page
background image
21
L1
L1
32
32
L11
L1
L1
-
29
K2
L11
L11
L1
VREF+
S
-
-
-
VREFBUF_OUT
22
M1
M1
33
33
L12
L2
L2
-
30
L1
L12 L12
L2
VDDA
S
-
-
-
-
-
-------
20
--
---
VDDA/
VREF+
S-
-
-
-
23
L2
L2
34
34
J9
K3
K3
21
31
K3
J9
J9
K3
PA0
I/O
FT_a
-
TIM2_CH1,
TIM5_CH1,
TIM8_ETR,
USART2_CTS_NSS,
UART4_TX,
SAI1_EXTCLK,
TIM2_ETR,
EVENTOUT
OPAMP1_VINP,
ADC1_IN5,
RTC_TAMP2,W
KUP1
-
M3
M3
---
M1
M1
---
---
OPAMP
1_VINM
ITT
-
-
-
24
M2
M2
35
35
K10
N2
N2
22
32
L2
K10 K10
M1
PA1
I/O
FT_la
-
TIM2_CH2,
TIM5_CH2,
I2C1_SMBA,
SPI1_SCK,
USART2_RTS_DE,
UART4_RX,
OCTOSPIM_P1_DQS,
TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
ADC1_IN6
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More