| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VGI3STR Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VGI3STR Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 307 page ![]() Functional overview STM32L4R5xx, STM32L4R7xx and STM32L4R9xx 40/307 DS12023 Rev 5 interrupt is generated if enabled. LSE failure can also be detected and generated an interrupt. • Clock-out capability: – MCO (microcontroller clock output): it outputs one of the internal clocks for external use by the application – LSCO (low-speed clock output): it outputs LSI or LSE in all low-power modes (except VBAT). Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and the low-speed APB (APB1) domains. The maximum frequency of the AHB and the APB domains is 120 MHz. |