| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPMIC1DPQR Datasheet(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1DPQR Datasheet(HTML) 62 Page - STMicroelectronics |
|
62 / 140 page ![]() 6 Register description 6.1 User register map Registers are all default down to 0 at VIN_POR_Fall. Default value in the table below represents values at POWER_ON when application processor can access I2C registers. Value ‘x’ represents: • Read/write bits loaded by NVM • Read bit status depending on previous operation or event It is important to highlight that all bits marked "reserved" (-) must be written 0 (reset value). So a read / modify / write operation into a register is allowed if "reserved" bits are not modified. STPMIC1 Register description DS12792 - Rev 7 page 62/140 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |