| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STPMIC1DPQR Datasheet(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1DPQR Datasheet(HTML) 71 Page - STMicroelectronics |
|
71 / 140 page ![]() 6.2.3 Overcurrent protection LDO turn-OFF status register (OCP_LDOS_SR) Table 21. OCP_LDOS_SR 7 6 5 4 3 2 1 0 reserved reserved OCP_LDO6 OCP_LDO5 OCP_LDO4 OCP_LDO3 OCP_LDO2 OCP_LDO1 R R R R R R R R Address: 0x03 Type: read register only Default: b00xx_xxxx where x depends on possible OCP event during previous POWER_ON Description: OCP LDO turn-OFF status register. This register stores the identification of the LDO source of the last OCP turn-OFF. It is set during POWER_DOWN state. [7 :6] Reserved [5] OCP_LDO6: Last turn-OFF was due to overcurrent protection on LDO6 0: False 1: True [4] OCP_LDO5: Last turn-OFF was due to overcurrent protection on LDO5 0: False 1: True [3] OCP_LDO4: Last turn-OFF was due to overcurrent protection on LDO4 0: False 1: True [2] OCP_LDO3: Last turn-OFF was due to overcurrent protection on LDO3 0: False 1: True [1] OCP_LDO2: Last turn-OFF was due to overcurrent protection on LDO2 0: False 1: True [0] OCP_LDO1: Last turn-OFF was due to overcurrent protection on LDO1 0: False 1: True STPMIC1 Status registers DS12792 - Rev 7 page 71/140 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |