Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD78044F Datasheet(PDF) 13 Page - NEC

No. de pieza UPD78044F
Descripción Electrónicos  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 13 Page - NEC

Back Button UPD78044F Datasheet HTML 9Page - NEC UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC UPD78044F Datasheet HTML 14Page - NEC UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
µPD780016Y, 780018Y
13
3.3 Pin I/O Circuits and Recommended Connection of Unused Pins
The input/output circuit type of each pin and recommended connection of unused pins are shown in Table 3-1.
For the input/output circuit configuration of each type, see Figure 3-1.
Table 3-1. Types of Pin Input/Output Circuits (1/2)
P00/INTP0/TI00
2
Input
Connect to VSS0.
P01/INTP1/TI01
8-C
Input/output
Connect to VSS0 via a resistor individually.
P02/INTP2
P03/INTP3
P04/INTP4
P05/INTP5
P06/INTP6
P10/ANI0-P17/ANI7
9-B
Input
Connect to VDD0 or VSS0 via a resistor individually.
P20/SI1
8-C
Input/output
P21/SO1
5-H
P22/SCK1
8-C
P23/STB
5-H
P24/BUSY
8-C
P25-P27
5-H
P30/TO0-P32/TO2
P33/TI1
8-C
P34/TI2
P35/PCL
5-H
P36/BUZ
P37
P40/AD0-P47/AD7
5-N
Input/output
Connect to VDD0 via a resistor individually.
P50/A8-P57/A15
5-H
Input/output
Connect to VDD0 or VSS0 via a resistor individually.
P60-P63
P64/RD
P65/WR
P66/WAIT
P67/ASTB
P80/A0-P87/A7
P90/SI4A
8-C
P91/SO4A
5-H
P92/SCK4A
8-C
P93/SI4B
P94/SO4B
5-H
P95/SCK4B
8-C
Input/Output
Circuit Type
Pin Name
I/O
Recommended Connection for Unused Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42