Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD78044F Datasheet(PDF) 14 Page - NEC

No. de pieza UPD78044F
Descripción Electrónicos  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 14 Page - NEC

Back Button UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC UPD78044F Datasheet HTML 14Page - NEC UPD78044F Datasheet HTML 15Page - NEC UPD78044F Datasheet HTML 16Page - NEC UPD78044F Datasheet HTML 17Page - NEC UPD78044F Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
µPD780016Y, 780018Y
Table 3-1. Types of Pin Input/Output Circuits (2/2)
Input/Output
Circuit Type
Pin Name
I/O
Recommended Connection for Unused Pins
P100/TI5/TO5
8-C
Input/output
Connect to VDD0 or VSS0 via a resistor individually.
P101/TI6/TO6
P102, P103
5-H
P110/SI4C
8-C
P111/SO4C
5-H
P112/SCK4C
8-C
P113-P115
5-H
P116/SDA
10-B
P117/SCL
P150-P156
5-H
RESET
2
Input
—
XT1
16
—
Connect to VDD0.
XT2
Leave open.
AVREF
—
Connect to VSS0.
AVSS
IC
Connect to VSS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42