Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP1625 Datasheet(PDF) 1 Page - Anachip Corp

No. de pieza AP1625
Descripción Electrónicos  PWM/PFM Dual Mode Step-down DC/DC Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANACHIP [Anachip Corp]
Página de inicio  
Logo ANACHIP - Anachip Corp

AP1625 Datasheet(HTML) 1 Page - Anachip Corp

  AP1625 Datasheet HTML 1Page - Anachip Corp AP1625 Datasheet HTML 2Page - Anachip Corp AP1625 Datasheet HTML 3Page - Anachip Corp AP1625 Datasheet HTML 4Page - Anachip Corp AP1625 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AP1625
PWM/PFM Dual Mode Step-down DC/DC Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 May.27, 2004
1/5
Features
- Input voltage range:2.2V~8V(VOUT type)
- Adjustable version(±2.5%)
- Oscillator frequency: 270KHz(±15%)
- High Efficiency: 92%(typ .)
- Stand-by capability: ISTB=3µA.(max .)
- Soft-start time set-up externally type possible
- Output voltage type possible(FB)
- Package: SOT23-5
Applications
● Electronic Information Organizers
● Palmtops
● Cellular and portable phones
● Portable Audio Systems
● Various Multi-function Power Supplies
General Descriptions
The AP1625 series are multi-functional step-down
DC/DC converters with built-in speed, low ON
resistance drivers. A more than 1A output current is
possible using an externally connected transistor,
coil, diode and capacitor.
Output voltage is set-up by external resistor.(±2.5%
accuracy).
With a 270KHz switching frequency, the size of the
external components can be reduced.
Control switches from PWM to PFM during light
loads with the AP1625(PWM/PFM switchable)and
the series is highly efficient from light loads to large
output currents.
In relation to soft-start time external capacitor
regulated types.
During stand-by time (CE pin “LOW”),current
consumption is reduced to less than 0.5µA.
With U.V.L.O internal, the external MOSFET. Will
be forcibly switched off if used below the stipulated
voltage.
Pin Assignment
1
3
2
5
4
CE
V
OUT
V
DD
GND
SOT23-5
FB
(Top View)
Pin Descriptions
Pin No.
Pin
Name
Function
1
V OUT External PMOSFET Connection
2
V DD
Power Supply
3
GND Ground
4
CE
Chip Enable
Soft-start capacitor connection
5
FB
Feedback pin


Número de pieza similar - AP1625

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
AP1620 HAMMOND-AP1620 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
Rev. 0.1 Feb 10, 2004
AP1623S ANACHIP-AP1623S Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
Rev. 0.1 Feb 10, 2004
AP1623SA ANACHIP-AP1623SA Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
Rev. 0.1 Feb 10, 2004
AP1623SL ANACHIP-AP1623SL Datasheet
182Kb / 6P
PWM Control Step-Down Switching Regulator-Converter
Rev. 0.1 Feb 10, 2004
More results

Descripción similar - AP1625

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
PWM/PFM Dual Mode Step-up DC/DC Controller
Rev.1.1 Dec.23, 2004
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com