| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AP1625 Datasheet(PDF) 3 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP1625 Datasheet(HTML) 3 Page - Anachip Corp |
|
3 / 5 page ![]() AP1625 PWM/PFM Dual Mode Step-down DC/DC Controller Anachip Corp. www.anachip.com.tw Rev.1.1 May.27, 2004 3/5 Electrical Characteristics AP1625 ( VOUT=3.3V, FOSC=270KHz) Ta=25°C Parameter Symbol Conditions Min. Typ. Max. Unit FB VFB 1.17 1.2 1.23 V Maximum Input Voltage VIN 8 V UVLO Voltage(min. operating voltage) VUVLO Same as IDD, voltage required to maintain H at VOUT 2.2 V Supply Current IDD No external components, CE=VIN, VOUT=0V 40 110 µA Stand-by Current ISTB No external components, CE=VIN, VOUT=0V 2 µA Oscillator Frequency Fosc Measuring of EXT/waveform, VIN=output voltage+0.3V 230 270 310 KHz Maximum Duty Ratio MAXDTY 100 % PFM Duty Ratio PFMDTY NO load (AP1625 only) 15 25 35 % CE”High” Voltage VCEH NO external components, VFB=0V, apply 0.65V (min.) to CE,determine VOUT”Low” 0.5 Vcc CE”Low” Voltage VCEL Same as VCEH, determine EXT/”High” 0.20 V Efficiency EFFI 92 % Soft-Start Time Tss Use a 33 nF Capacitor 5 15 msec Measuring conditions: Unless otherwise specified, connect external components. VIN=5.0V,LOUT=220mA Series Amendment: AP1625 External Components: Css =0.033µF, Rss=470kΩ The Following Parameter Applies: Soft Start Time(Tss):Connect Rss,CSS. CE,0V→3.0V(When VIN<3.0V, VIN=3.0V) |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |